Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MX7705_V01 Datasheet HTML 13Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 14Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 15Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 16Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 17Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 18Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 19Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 20Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
MX7705
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
Maxim Integrated | 17
www.maximintegrated.com
Detailed Description
The MX7705 low-power, 2-channel, serial-output ADC
uses a sigma-delta modulator with a digital filter to
achieve 16-bit resolution with no missing codes. The
device includes a PGA, an on-chip input buffer, and a
bidirectional communications port. The MX7705 oper-
ates with a single 2.7V to 5.25V supply.
Fully differential inputs, an internal input buffer, and an
on-chip PGA (gain = 1 to 128) allow low-level signals to
be directly measured, minimizing the requirements for
external signal conditioning. Self-calibration corrects for
gain and offset errors. A programmable digital filter
allows for the selection of the output data rate and first-
notch frequency from 20Hz to 500Hz.
The bidirectional serial SPI-/QSPI-/MICROWIRE-compati-
ble interface consists of four digital control lines (SCLK,
CS, DOUT, and DIN) and provides an easy interface to
microcontrollers (µCs). Connect
CS to GND to configure
the MX7705 for 3-wire operation.
Analog Inputs
The MX7705 accepts four analog inputs (AIN1+, AIN1-,
AIN2+, and AIN2-) in buffered or unbuffered mode.
Use Table 8 to select the positive and negative input
pair for a fully differential channel. The input buffer iso-
lates the inputs from the capacitive load presented by
the PGA/modulator, allowing for high source-imped-
ance analog transducers. The value of the BUF bit in
the setup register (see the
Setup Register section) deter-
mines whether the input buffer is enabled or disabled.
Internal protection diodes, which clamp the analog
input to VDD and/or GND, allow the input to swing from
(GND - 0.3V) to (VDD + 0.3V), without damaging the
device. If the analog input exceeds 300mV beyond the
supplies, limit the input current to 10mA.
Input Buffers
When the analog input buffer is disabled, the analog
input drives a typical 7pF (gain = 1) capacitor, CTOTAL,
in series with the 7k
Ω typical on-resistance of the track
and hold (T/H) switch (Figure 1). CTOTAL is comprised
of the sampling capacitor, CSAMP, and the stray capac-
itance, CSTRAY. During the conversion, CSAMP charges
to (AIN+ - AIN-). The gain determines the value of
CSAMP (Table 5).
MX7705
SWITCHING
NETWORK
CLOCK
GENERATOR
DIVIDER
DIGITAL
FILTER
2ND-ORDER
SIGMA-DELTA
MODULATOR
PGA
BUFFER
BUFFER
SERIAL INTERFACE,
REGISTERS,
AND
CONTROL
VDD
GND
SCLK
DIN
DOUT
CLKIN
CLKOUT
AIN1+
AIN1-
AIN2+
AIN2-
REF+
REF-
S1
S2
S1 AND S2 ARE OPEN IN
BUFFERED MODE AND CLOSED
IN UNBUFFERED MODE
CS
DRDY
RESET
Functional Diagram


Similar Part No. - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE++ MAXIM-MX7705EUE+ Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results

Similar Description - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz