Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MX7705_V01 Datasheet HTML 8Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 9Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 10Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 11Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 12Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 13Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 14Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 15Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
MX7705
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
Maxim Integrated | 12
www.maximintegrated.com
Maxim Integrated | 12
www.maximintegrated.com
5.15
5.05
4.95
4.85
-0.002
-0.001
0
0.001
0.002
0.003
-0.003
4.75
5.25
OFFSET ERROR vs. SUPPLY VOLTAGE (5V)
SUPPLY VOLTAGE (V)
VDD = 5V
60
35
10
-15
-0.002
-0.001
0
0.001
0.002
0.003
-0.003
-40
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5V
VDD = 3V
GAIN ERROR vs. SUPPLY VOLTAGE (3V)
SUPPLY VOLTAGE (V)
3.45
3.30
3.15
3.00
2.85
-0.0010
-0.0005
0
0.0005
0.0010
0.0015
-0.0015
2.70
3.60
VDD = 3V
GAIN ERROR vs. SUPPLY VOLTAGE (5V)
SUPPLY VOLTAGE (V)
5.15
5.05
4.95
4.85
-0.002
-0.001
0
0.001
0.002
0.003
-0.003
4.75
5.25
VDD = 5V
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.004
-0.003
-0.002
-0.001
0
0.001
0.002
0.003
0.004
0.005
-0.005
-40
85
VDD = 5V
VDD = 3V
Typical Operating Characteristics (continued)
(VDD = 3V or 5V, REF+ = 1.225V for VDD = 3V, VREF+ = 2.5V for VDD = 5V, VREF- = GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE++ MAXIM-MX7705EUE+ Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results

Similar Description - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz