Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MX7705_V01 Datasheet HTML 5Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 6Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 7Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 8Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 9Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 10Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 11Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 12Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
MX7705
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
Maxim Integrated | 9
www.maximintegrated.com
Maxim Integrated | 9
www.maximintegrated.com
Table 2. Peak-to-Peak Resolution vs. Gain and Output Data Rate (VDD = 5V)
TYPICAL PEAK-TO-PEAK RESOLUTION (BITS)
GAIN
FILTER FIRST
NOTCH AND
OUTPUT DATA RATE
-3dB FREQUENCY
1
2
4
8
16
32
64
128
BUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
16
15
14
13
25Hz
6.55Hz
16
16
16
16
16
15
14
13
100Hz
26.2Hz
12
12
12
12
12
12
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
UNBUFFERED (fCLKIN = 1MHz)
20Hz
5.24Hz
16
16
16
16
16
15
14
13
25Hz
6.55Hz
16
16
16
16
16
15
14
13
100Hz
26.2Hz
12
12
12
12
12
12
12
11
200Hz
52.4Hz
10
10
10
10
10
10
10
9
BUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
16
15
14
13
60Hz
15.72Hz
16
16
16
16
16
15
14
13
250Hz
65.5Hz
12
12
13
12
12
12
12
11
500Hz
131Hz
10
10
11
10
10
10
10
9
UNBUFFERED (fCLKIN = 2.4576MHz)
50Hz
13.1Hz
16
16
16
16
16
15
14
13
60Hz
15.72Hz
16
16
16
16
16
15
14
13
250Hz
65.5Hz
12
12
12
12
12
12
12
11
500Hz
131Hz
10
10
10
10
10
10
10
9


Similar Part No. - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE++ MAXIM-MX7705EUE+ Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results

Similar Description - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz