Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8815 Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK8815
Description  NTSC/PAL Digital Video Encoder
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8815 Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK8815 Datasheet HTML 23Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 24Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 25Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 26Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 27Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 28Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 29Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 30Page - Asahi Kasei Microsystems AK8815 Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ASAHI KASEI
[AK8815/16]
MS0331-E-00
27
2004 / 08
( 15 ) WSS function
The AK8815/16 supports to encode the WSS ( ITU-R. BT.1119 ) which distinguishes the aspect ratio and sets
CGMS-A etc..
Turning “ON/OFF“ of this function is made by setting both VMOD-bit = 1 and WSS-bit = 1 of { Mode Register
( 0x00 ) }. And data to be set is written into { VBID / WSS Data1 & 2 Registers ( 0x01, 0x02 )}.
WSS Data Update timing
VS YN C
NEW DATA
DATA
O LD DATA
NEW DATA
u-P D ata
Set C ontrol R egister
WSS Waveform
10.5usec
27.4usec
38.4usec
500mV +/- 5%
11.0 +/- 0.25usec
44.5usec
1.5usec
0H
Encode line : former half of Line 23 ( Blank output during latter half )
Coding : Bi-phase modulation coding
Clock : 5 MHz ( Ts = 200 nS )
Encoding details as follows
Run-in
Start code
Group 1
Aspect ratio
Group 2
Enhanced
Services
Group 3
Subtitles
Group4 Reserved
29 elements
24 elements
24 elements
24 elements
18 elements
18 elements
Bit numbering
0 1 2 3
LSB
MSB
0 : 000111
1 : 111000
Bit numbering
4 5 6 7
LSB
MSB
0 : 000111
1 : 111000
Bit numbering
8 9 10
LSB
MSB
0 : 000111
1 : 111000
Bit numbering
11 12 13
LSB
MSB
0 : 000111
1 : 111000
0x1F1C71C7
0x1E3C1F


Similar Part No. - AK8815

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8812 AKM-AK8812 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8813 AKM-AK8813 Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813P AKM-AK8813P Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8815

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com