Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK7750 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AK7750
Description  Audio DSP with Built-in Hands-Free Phone Features
Download  77 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7750 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK7750 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
[ASAHI KASEI]
[AK7750]
[MS0296-E-00]
1
2005/03
General Description
The AK7750 is a highly integrated Audio Digital Signal Processor with a stereo audio codec in one chip.
The AK7750 combines an on-chip DSP and an ARM7 processor that can be used to create Echo
Cancellation (EC) and Noise Cancellation (NC) functions. These functions make the AK7750 a perfect
choice for hands-free phones that require suppressing acoustic echo and noise. Voice quality and noise
suppression levels can be precisely adjusted by externally setting various parameters. Additionally, no
external Flash, ROM, or RAM is required as memories for Echo and Noise Cancellation are integrated on-
chip.
By using an external microprocessor to change algorithms, the AK7750 can be used in other audio
applications including sound field enhancements like surround, volume control, parametric equalizer and
speaker compensation. These functions are simplified by the AK7750 through the integration of 64K bit
delay data RAM, a high-performance audio Codec with sample rates from 8 KHz ~ 48 KHz, and 8-
channels of Digital Audio input / output.
What’s more, the latest Surround Decoders can be also be implemented by using the certified algorithms
from various technology partners.
Features
[DSP Block]
Data Word Length: 24 bit
Machine Cycle: 27.1 ns (fastest) (768fs at 48 KHz)
Number of Steps: 768 steps max. at fs = 48 KHz
4608 steps max. at fs = 8 KHz
192 steps max. at fs = 192 KHz
Multiply: 24 x 16 -> 40 bit (enables double precision operation)
Division: 24 / 24 -> 24 bit or 16 bit
ALU: 34 bit arithmetic operation (overflow margin 4 bits)
24 bit arithmetic & logic operations
Shift: 1,2,3,4,6,8,15 Bit Left Shift with indirect shift function
1,2,3,4,8,14,15 bit Right Shift with indirect shift function
Program RAM (PRAM): 768 words x 32 bit
Coefficient RAM (CRAM): 1024 words x 16 bit
Data RAM (DRAM): 256 words x 24 bit
Offset RAM (OFRAM): 48 words x 12 bit
Delay RAM (DLRAM): 64K bits (following 3 types are selectable):
- 1K words 24 bit
- 1K words 24 bit & 2K words 16 bit (limited pointer capability)
- 4kword 16bit
Data Compression/Expansion circuits for 16 bit data handling are integrated on-chip
(Dynamic-range: 23 bit equivalent, S/N+D: 15 bit equivalent (FS)).
- In Hands-free mode, Delay RAM cannot be used.
Registers: 34 bits x 4 (ACC)
[for ALU]
24 bit x 8 (TMP)
[for DBUS Interface]
24 bit x 6 stage stacks (PTMP) [for DBUS Interface]
On-chip ARM7TDMI Processor:
Audio DSP with Built-in Hands-Free Phone Features
AK7750


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn