Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK7750 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part No. AK7750
Description  Audio DSP with Built-in Hands-Free Phone Features
Download  77 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7750 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK7750 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
[ASAHI KASEI]
[AK7750]
[MS0296-E-00]
2
2005/03
[ADC Block]
24 Bit 2 Channels (fs: 8 KHz ~ 48 KHz)
S/N+D: 91 dB (fs = 48 KHz)
Dynamic Range & S/N: 98 dBA (fs = 48 KHz)
On-chip DC offset canceling High Pass Filter
[DAC Block]
24 Bit 2 Channels
S/N+D: 86 dB (fs = 48 KHz)
Dynamic Range & S/N: 98 dBA (fs = 48 KHz)
[Input/Output Digital Interface]
Serial Data Input 8 channels (10 channels with on-board codec.)
Serial Data Output 6 channels (8 channels with on-board codec.)
Microprocessor Interface: 1 set of inputs and outputs
[General]
On-chip PLL
On-chip EEPROM (AK6512C, AK6514C) Interface
Single 3.3 V +/- 0.3 V Power Supply
Operating Temperature Range: -40
°C to +85°C
64-Pin LQFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn