Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7750 Datasheet(PDF) 19 Page - Asahi Kasei Microsystems

Part # AK7750
Description  Audio DSP with Built-in Hands-Free Phone Features
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7750 Datasheet(HTML) 19 Page - Asahi Kasei Microsystems

Back Button AK7750 Datasheet HTML 15Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 16Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 17Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 18Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 19Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 20Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 21Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 22Page - Asahi Kasei Microsystems AK7750 Datasheet HTML 23Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
[ASAHI KASEI]
[AK7750]
[MS0296-E-00]
19
2005/03
2) Reset
(AVDD=DVDD=3.0 to 3.6V,Ta=-40
°C to 85°C)
Parameter
Symbol
min
typ
max
Units
INIT_RESET
note 1)
tRST
400
ns
CK_RESET
tRST
400
ns
S_RESET
tRST
400
ns
note1) At the power-on, it is OK to keep this pin to “L”. “H” transition must be made after the power-on and
master clock is full running.
3) Audio Interface
(AVDD=DVDD=3.0 to 3.6V,Ta= Ta=-40
°C to 85°C, CL=20pF)
Parameter
Symbol
min
typ
max
Units
Slave mode
BITCLK frequency
fBCLK
48
64
64
fs
Delay time from BITCLK"
↑“ to LRCLK note1)
tBLRD
40
ns
Delay time from LRCLK to BITCLK"
↑" note1)
tLRBD
40
ns
Delay time from LRCLK to serial data output
tLRD
80
ns
Delay time from BITCLK to serial data output
tBSOD
80
ns
Serial data input latch hold time
tBSIDS
40
ns
Serial data input latch setup time
tBSIDH
40
ns
Master mode
BITCLK frequency
fBCLK
64
fs
BITCLK duty factor
50
%
Delay time from BITCLK"
↑" to LRCLK note1)
tBLRD
40
ns
Delay time from LRCLK to BITCLK"
↑" note1)
tLRBD
40
ns
Delay time from LRCLK to serial data output
tLRD
80
ns
Delay time from BITCLK to serial data output
tBSOD
80
ns
Serial data input latch hold time
tBSIDS
40
ns
Serial data input latch setup time
tBSIDH
40
ns
PCM Interface mode (SF/LF)
LRCLK frequency
fLRCK
8
48
kHz
BITCLK frequency
fBCLK
64
fs
BITCLK duty factor
50
%
Delay time from BITCLK"
↑" to LRCLK note1)
tBLRD
40
ns
Delay time from LRCLK to BITCLK"
↓" note1)
tLRBD
40
ns
Delay time from LRCLK to serial data output
tLRD
80
ns
Delay time from BITCLK to serial data output
tBSOD
80
ns
Serial data input latch hold time
tBSIDS
40
ns
Serial data input latch setup time
tBSIDH
40
ns
LRCLK high level width (SF)
tLCKKH
64
fs
LRCLK high level width (LF)
LRCLK low level width (LF)
tLCLKH
tLCLKL
300
1200
ns
ns
Note 1) this value is specified such that LRCLK edge and rising edge of BITCLK never overlap


Similar Part No. - AK7750

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7752VQ AKM-AK7752VQ Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK7754EN AKM-AK7754EN Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7750

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Rohm
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
logo
NXP Semiconductors
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
NXP Semiconductors
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com