Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7746 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AK7746
Description  Audio DSP with 5-channel 24-bit ADC and Input Mux
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7746 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK7746 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 13Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 14Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 15Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 16Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 17Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
[ASAHI KASEI]
[AK7746]
[MS0369-E00]
- 14 -
2004/12
5-3) Audio Interface
(AVDD=DVDD=3.0~3.6V,Ta=-40
°C ~85°C,CL=20pF)
Parameter
Symbol
min
typ
max
Unit
Slave mode
BITCLK_I frequency
fBCLK
48
64
64
fs
Delay time from BITCLK_I"
↑" to LRCLK_I
Note1)
tBLRD
40
ns
Delay time from LRCLK_I to BITCLK_I "
↑"
Note1)
tLRBD
40
ns
Delay time from LRCLK_O to serial data output
tLRD
40
ns
Delay time from BITCLK_O to serial data output tBSOD
40
ns
Serial data input latch setup time
tBSIDS
40
ns
Serial data input latch hold time
tBSIDH
40
ns
Master mode
BITCLK_O frequency
fBCLK
64
fs
BITCLK_O duty factor
50
%
Delay time from LRCLK_O to serial data output
tLRD
40
ns
Delay time from BITCLK_O to serial data output tBSOD
40
ns
Serial data input latch setup time
tBSIDS
40
ns
Serial data input latch hold time
tBSIDH
40
ns
Note 1) This feature is to avoid LRCLK_I edge and BITCLK_I "
↑“edge.


Similar Part No. - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742EQ AKM-AK7742EQ Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
More results

Similar Description - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Nuvoton Technology Corp...
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Cirrus Logic
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
   103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com