Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7746 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK7746
Description  Audio DSP with 5-channel 24-bit ADC and Input Mux
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7746 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK7746 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7746 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
[ASAHI KASEI]
[AK7746]
[MS0369-E00]
- 8 -
2004/12
Pin No
Pin name
I/O
Function
Classification
46
AVDD
- Analog Power supply pin 3.3V (typ)
47
AVSS
- Analog Ground 0.0V
Analog Power Supply
48
LFLT
O Filter connection pin for PLL
When using the PLL function, connect a 22k
Ω resistor and a 1.5nF capacitor
in series to the analog ground (AVSS)
Analog output
49
AINM
I ADCM Monaural single ended input
50
AINR4
I ADC1 or ADC2 Rch single ended input 4
51
AINL4
I ADC1 or ADC2 Lch single ended input 4
52
AINR3
I ADC1 or ADC2 Rch single ended input 3
53
AINL3
I ADC1 or ADC2 Lch single ended input 3
54
AINR2
I ADC1 or ADC2 Rch single ended input pin 2
55
AINL2
I ADC1 or ADC2 Lch single ended input pin 2
Analog input
56
AVDD
- Analog Power Supply 3.3V (typ)
Analog Power supply
57
VREFH
I
Analog reference voltage input
Normally, connect to AVDD, and connect 0.1
µF and 10µF capacitors
between this pin and AVSS.
Analog input
58
VCOM
O
Common voltage
Normally, connect 10
µF and 0.1µFcapacitor between this pin and AVSS.
Don’t connect to other circuitry.
Analog output
59
VREFL
I
Analog reference voltage input pin for low-level.
Normally, connect to AVSS.
Analog input
60
AVSS
- Analog Ground 0.0V
Analog Power Supply
61
AINR-
I ADC1 or ADC2 Rch analog inverted input
62
AINR+
I ADC1 or ADC2 Rch analog non-inverted input
63
AINL-
I ADC1 or ADC2 Lch analog inverted input
64
AINL+
I ADC1 or ADC2 Lch analog non-inverted
Analog input
Note) Do NOT leave open digital input pins unless they are internally pulled down and BITCLK_I, LRCLK_I in master mode.
(If you do not use pull-down pin, leave open or connects to DVSS. However, TESTI pin should connect to DVSS. )
* If analog input pins (1~8, 49~55, 61~64 pin ) are not used, leave them open.


Similar Part No. - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742EQ AKM-AK7742EQ Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
More results

Similar Description - AK7746

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Nuvoton Technology Corp...
NAU8502 NUVOTON-NAU8502 Datasheet
2Mb / 92P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
NAU8501 NUVOTON-NAU8501 Datasheet
2Mb / 80P
   24-bit Stereo Audio ADC with Differential Microphone Inputs
logo
Cirrus Logic
CS5346 CIRRUS-CS5346 Datasheet
692Kb / 40P
   103 dB, 192 kHz, Stereo Audio ADC with 6:1 Input Mux
logo
Asahi Kasei Microsystem...
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7714 AKM-AK7714 Datasheet
516Kb / 48P
   20-Bit Audio Codec with DSP and Delay RAM
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com