Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTPS6067W Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTPS6067W
Description  Point Source LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTPS6067W Datasheet(HTML) 1 Page - Marktech Corporate

  MTPS6067W Datasheet HTML 1Page - Marktech Corporate MTPS6067W Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Point Source LED
MTPS6067W
Features
Red Point Source LED
Emitting Window Diameter 150
µ m
Small Temp. Coefficient of PO
High Reliability
Applications
Optical Switches
Optical Instruments
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
50
mA
Pulsed Forward
Current
IFP
.30
tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
125.00
mW
Operating
Temperature
Topr
−20~+85
o
C
Storage Temperature
Tstg
−30~+100
o
C
Junction Temperature
Tj
100
o
C
Soldering
Temperature
Tsol
260
for 5 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
2.20
2.50
V
Reverse Current
IR
VR=5V
10
µA
Power Output
PO
IF=20mA
.80
1.20
mW
Half Intensity Beam Angle
θ
± 25
o
deg.
Peak Wavelength
λp
IF=20mA
650
nm
Spectral Line Half Width
∆λ
IF=20mA
20
nm
Temp Coefficient of PO
P/T
IF=10mA
−.24
%/°C
Temp Coefficient of VF
V/T
IF=10mA
−3.80
mV/°C
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Specifications are Subject to Change Without Notice
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTPS6067W

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS1065PT MARKTECH-MTPS1065PT Datasheet
424Kb / 2P
   Visible Red Point Source LED
MTPS1065PT MARKTECH-MTPS1065PT Datasheet
502Kb / 3P
   Peak Emission Wavelength: 650nm
MTPS1065PT MARKTECH-MTPS1065PT Datasheet
502Kb / 3P
   Visible Red Point Source Emitter
MTPS1065PT_1106 MARKTECH-MTPS1065PT_1106 Datasheet
502Kb / 3P
   Peak Emission Wavelength: 650nm
MTPS1065PT MARKTECH-MTPS1065PT_15 Datasheet
502Kb / 3P
   Visible Red Point Source Emitter
More results

Similar Description - MTPS6067W

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE4088P MARKTECH-MTE4088P Datasheet
60Kb / 2P
   Point Source LED
MTPS4088W MARKTECH-MTPS4088W Datasheet
61Kb / 2P
   Point Source LED
MTPS9087W MARKTECH-MTPS9087W Datasheet
61Kb / 2P
   Point Source LED
MTPS8085N MARKTECH-MTPS8085N Datasheet
80Kb / 1P
   Point Source LED
MTPS9067WC MARKTECH-MTPS9067WC Datasheet
576Kb / 1P
   Point Source LED
MTPS8085FT MARKTECH-MTPS8085FT Datasheet
97Kb / 1P
   Point Source LED
MTPS8085M1 MARKTECH-MTPS8085M1 Datasheet
100Kb / 1P
   Point Source LED
MTPS8085PT MARKTECH-MTPS8085PT Datasheet
96Kb / 1P
   Point Source LED
MTPS4088WC MARKTECH-MTPS4088WC Datasheet
59Kb / 2P
   Point Source LED
MTPS9087NJ MARKTECH-MTPS9087NJ Datasheet
58Kb / 2P
   Point Source LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com