Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTPS4088NP1 Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTPS4088NP1
Description  Point Source LED
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo 

MTPS4088NP1 Datasheet(HTML) 1 Page - Marktech Corporate

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Point Source LED
MTPS4088NP1
Features
Double Lens − Ball Lens and Focusing Lens
High Output Power
Point Source LED
Emitting Window Diameter 50
µ m
Applications
Optical Communications
Fiber Optics
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Test Condition Unit
Forward Current
IF
80
mA
Pulsed Forward
Current
IFP
.40
tw=10
µ S,
T=10mS
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
150.00
mW
Operating
Temperature
Topr
−30 ~ +80
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Junction Temperature
Tj
125
o
C
Soldering
Temperature
Tsol
260
for 5 sec. max
o
C
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=50mA
1.90
2.40
V
Reverse Current
IR
VR=5V
10
µA
Power Output
PO
IF=50mA
1.70
2.80
mW
Half Intensity Beam Angle
θ
± 10
o
deg.
Peak Wavelength
λp
IF=50mA
880
nm
Spectral Line Half Width
∆λ
IF=50mA
80
nm
Temp Coefficient of PO
P/T
IF=10mA
−.50
%/°C
Temp Coefficient of VF
V/T
IF=10mA
−2.30
mV/°C
Junction Capacitance
Cj
1MHz, V=0V
40
pF
Cut−Off Frequency
fc
IFP=50mA+20mAp-p
--
20
MHz
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MTPS4088WPoint Source LED 1 2 Marktech Corporate
MTPS4088WCPoint Source LED 1 2 Marktech Corporate
MTPS4088WMPoint Source LED 1 2 Marktech Corporate
MTPS6067WPoint Source LED 1 2 Marktech Corporate
MTPS9087DPoint Source LED 1 2 Marktech Corporate
MTPS9087NJPoint Source LED 1 2 Marktech Corporate
MTPS9087PPoint Source LED 1 2 Marktech Corporate
MTPS9087PTPoint Source LED 1 2 Marktech Corporate
MTPS9087WPoint Source LED 1 2 Marktech Corporate
MTE4088PPoint Source LED 1 2 Marktech Corporate

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn