Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTN6118-AHRG Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MTN6118-AHRG
Description  Marktech 1.80 Single Digit Bi−Color
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTN6118-AHRG Datasheet(HTML) 1 Page - Marktech Corporate

  MTN6118-AHRG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marktech 1.80" Single Digit Bi−Color
Features
Excellent Character Appearance
High Light Output
IC Compatible
Low Current Requirements
Grey Surface/White Epoxy
Right Hand Decimal
Notes
All Dimensions are in millimeters.
Tolerance is ±0.25mm unless otherwise stated.
The slope angle of any pin may be ±5.0° MAX.
Operating Temperature: −25 ~ +85
Storage Temperature: −25 ~ +100
Specifications are subject to change without notice.
Part Number
PWL
λp
Material Emitted
Color
Face Colors
Maximum Ratings
Optical and Electrical Characteristics
Pin
Out
Epoxy
Color
Surface
Color
IF
VR
PD
Forward Voltage
VF
Reverse Current
IR
Luminous Intensity
IV
typ. seg
IF@
typ. dec
IF@
max.
VR@
typ. seg
IF@
MTN6118−AHRG
635
GaAsP
HR
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
5.20
10mA
1
567
GaP
YG
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
4.60
10mA
1
MTN6118−CHRG
635
GaAsP
HR
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
5.20
10mA
2
567
GaP
YG
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
4.60
10mA
2
MTN6118−CRG
700
GaP
R
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
1.20
10mA
2
567
GaP
YG
White
Grey
30
5.00
85.00
6.30
20mA
2.10
20mA
100
5V
4.60
10mA
2
Units
nm
mA
V
mW
V
V
µA
mcd
Package Dimensions and Pin Functions
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MTN2118-AG Marktech 1.80 Single Digit 1  Marktech Corporate
MTN6123-ARG Marktech 2.30 Single Digit Bi−Color 1  Marktech Corporate
MTN6141-AHRG Marktech 4.00 Single Digit Bi−Color 1  Marktech Corporate
MTN2123-AG Marktech 2.30 Single Digit 1  Marktech Corporate
MTN2125-24A Marktech 1.00 Single Digit 1  Marktech Corporate
MTN2126-AG Marktech 1.02 Single Digit 1  Marktech Corporate
MTN2130-13A Marktech 0.30 Single Digit 1  Marktech Corporate
MTN3300-CG Marktech 0.30 Single Digit w/LRDecimal 1  Marktech Corporate
MTN2131-61A Marktech 3.00 Single Digit w/Comma 1  Marktech Corporate
MTN2132-12A Marktech 0.315 Single Digit 1  Marktech Corporate

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn