Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-102-CFC-D4C2 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # FX-102-CFC-D4C2
Description  Frequency Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-102-CFC-D4C2 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button FX-102-CFC-D4C2 Datasheet HTML 4Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 5Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 6Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 7Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 8Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 9Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 10Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 11Page - Vectron International, Inc FX-102-CFC-D4C2 Datasheet HTML 12Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FX-102 Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Input 1
Input 2
Input 3
Input 4
Output
16 kHz
----
----
----
77.76 MHz
77.76 MHz
155.52 MHz
----
----
77.76 MHz
29.4912 MHz
----
----
----
78.6432 MHz
99.84
----
----
----
99.84 MHz
55 MHz
110 MHz
----
----
110 MHz
20.48 MHz
----
----
----
112 MHz
19.44 MHz
----
----
----
114 MHz
8 kHz
16.384 MHz
----
----
125 MHz
62.5 MHz
125 MHz
----
----
125 MHz
125 MHz
----
----
----
125 MHz
8 kHz
1.544 MHz
2.048 MHz
19.44 MHz
155.52 MHz
8 kHz
19.44 MHz
77.76 MHz
155.52 MHz
155.52 MHz
6.48 MHz
19.44 MHz
32.768 MHz
51.84 MHz
155.52 MHz
19.44 MHz
38.88 MHz
77.76 MHz
155.52 MHz
155.52 MHz
166.6286 MHz
----
----
----
155.52 MHz
155.52 MHz
----
----
----
166.6286 MHz
19.44 MHz
----
----
----
168.0407 MHz
The combinations above are just a small sample of what is possible with the FX-102 series.
This series is capable of translating up and down in frequency. Virtually all input frequencies
between 8 kHz and 170 MHz can be supported.
The FX-102 uses Vectron International’s J-type VCXO and as such can support any output
frequency that is available with the J-Type.
Vectron International will support all FEC rates for SONET, 10 GigE and 10.3125 GigE applications.
If you do not see a frequency option listed that you need please contact the factory.
When ordering FEC rates, we ask that you also include the FEC ratio
(e.g. 255/237 x OC-3, 237/236 x OC-3,etc....) for both the input and output frequencies.
Other Standard Input / Output Combinations


Similar Part No. - FX-102-CFC-D4C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-102 VECTRON-FX-102 Datasheet
1Mb / 11P
   Frequency Transiator
FX-102_0611 VECTRON-FX-102_0611 Datasheet
1Mb / 11P
   Frequency Transiator
More results

Similar Description - FX-102-CFC-D4C2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
   Frequency Translator
logo
CTS Corporation
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com