Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-424-DAF-D2C1 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # FX-424-DAF-D2C1
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-424-DAF-D2C1 Datasheet(HTML) 6 Page - Vectron International, Inc

  FX-424-DAF-D2C1 Datasheet HTML 1Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 2Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 3Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 4Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 5Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 6Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 7Page - Vectron International, Inc FX-424-DAF-D2C1 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FX-424 Low Jitter Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 6 of 8
Rev: 18Dec05
Application Circuits
37
11
12
8
9
5
10
14
13
1
2
6
VMON
LD
FOUT
CFOUT
Z = 50
SEL0
SEL1
FIN
VCC
+3.3V
R1
130
10uF
0.1uF
100pF
OD
FX-424
Input Frequency
Output Frequency
+3.3V
Z = 50
R1
130
R2
82
R2
82
Figure 7. Single Input Frequency Translation - LVPECL Termination
37
11
12
8
9
5
10
14
13
1
2
6
VMON
LD
FOUT
CFOUT
SEL0
SEL1
FIN
VCC
+3.3V
10uF
0.1uF
100pF
OD
FX-424
0 0
0 1
1 0
11
F
1
F
2
F
3
F
3
Input Frequencies
Z = 50
R1
130
Output Frequency
+3.3V
Z = 50
R1
130
R2
82
R2
82
Figure 8. Four Input Frequencies Translated to Common Output Frequency – LVPECL Termination


Similar Part No. - FX-424-DAF-D2C1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAC-A1G VECTRON-FX-424DAC-A1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAC-D1G VECTRON-FX-424DAC-D1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424DAF-A1G VECTRON-FX-424DAF-A1G Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
More results

Similar Description - FX-424-DAF-D2C1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com