Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-500-LAC-HNJ-A1-B2 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # FX-500-LAC-HNJ-A1-B2
Description  Low Jitter Frequency Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-500-LAC-HNJ-A1-B2 Datasheet(HTML) 2 Page - Vectron International, Inc

  FX-500-LAC-HNJ-A1-B2 Datasheet HTML 1Page - Vectron International, Inc FX-500-LAC-HNJ-A1-B2 Datasheet HTML 2Page - Vectron International, Inc FX-500-LAC-HNJ-A1-B2 Datasheet HTML 3Page - Vectron International, Inc FX-500-LAC-HNJ-A1-B2 Datasheet HTML 4Page - Vectron International, Inc FX-500-LAC-HNJ-A1-B2 Datasheet HTML 5Page - Vectron International, Inc FX-500-LAC-HNJ-A1-B2 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FX-500 Low Jitter Frequency Translator
Performance Characteristics
Electrical Performance
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
2
.
.
Figure 2. Output Waveform
Figure 3. Output Test Conditions
(25 ±5°C)
1. A 0.1 µF low frequency tantalum bypass capacitor in parallel with a 0.01 µF high frequency ceramic capacitor is recommended.
2. Figure 2 defines the waveform parameters. Figure 3 illustrates the standard test conditions under which these parameters are
specified and tested.
3. Duty cycle is defined as (on time period), with VS = VDD/2, per Figure 2. Duty cycle is measured with a 15pf load per Figure 3.
4. Other frequencies may be available, please contact factory.
Output Frequency4
f0
0.100
77.76
MHz
Supply Voltage1
VDD
3.0
3.3
3.6
V
VDD
4.5
5.0
5.5
V
Supply Current @ 19.44MHz
IDD
15
20
mA
48.408MHz
IDD
25
30
mA
77.760MHz
IDD
35
40
mA
Input
Input Low Level Voltage
VIL
0.3* VDD
V
Input High Level Voltage
VIH
0.7*VDD
V
Frequency
fIN
1k
77.76M
Hz
Pulse Width
6
ns
Output2
Output High Level Voltage
VOH
0.9*VDD
V
Output Low Level Voltage
VOL
0.1*VDD
V
Transition times2
Rise Time
tR
1.8
3.0
ns
Fall Time
tF
1.8
3.0
ns
Duty Cycle3 ≤60MHz
D
45
55
%
>60MHz
40
60
Absolute Pull Range
APR
See Part Numbering
ppm
Leakage Current of Input
IC
-1
1
µA
Loop Bandwidth (-3 dB), 8kHz input
BW
10
Hz
Jitter (Application: 8 kHz to 77.760 MHz translation)
rms
4.7
ps
peak/peak
44
ps
peak/peak
0.003
UI
Size
14mm x 9mm x 4.5 mm
Parameter
Symbol
Minimum
Typical
Maximum
Units


Similar Part No. - FX-500-LAC-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-500-DAE-KNNN VECTRON-FX-500-DAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAE-PNNN VECTRON-FX-500-DAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-DAT-KNNN VECTRON-FX-500-DAT-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-KNNN VECTRON-FX-500-EAE-KNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-500-EAE-PNNN VECTRON-FX-500-EAE-PNNN Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-500-LAC-HNJ-A1-B2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com