Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN350GPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN350GPH
Description  Square Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN350GPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN350GPH Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
182
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
70
90
90
90
25
30
30
30
150
150
150
150
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Square Type
□ 5.0 mm
× 5.0 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN250RPH ················ LNG250RFR ············ Red
LN350GPH ··············· LNG350GFG ············ Green
LN450YPH ··············· LNG450YFX ············ Amber
LN850RPH ················ LNG850RFD ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN250RPH
LN350GPH
LN450YPH
LN850RPH
Unit
Red
Green
Amber
Orange
Red Diffused
Green Diffused
Amber Diffused
Red Diffused
0.4
0.15
15
2.2
2.8
700
100
20
5
4
2.0
0.75
20
2.2
2.8
565
30
20
10
4
1.5
0.60
20
2.2
2.8
590
30
20
10
4
1.5
0.60
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
600
500
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
30
0
50
LN250RPH
LN250RPH
LN850RPH
LN850RPH
LN350GPH
LN350GPH
LN350GPH
LN450YPH
LN450YPH
LN450YPH
LN250RPH
LN250RPH
LN250RPH
LN350GPH
LN350GPH
LN450YPH
LN450YPH
LN250RPH
LN250RPH
LN850RPH
LN850RPH
LN250RPH
LN250RPH
LN850RPH
LN850RPH
LN450YPH
LN450YPH
LN450YPH
LN350GPH
LN350GPH
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity
0.8
0.6
2
− 0.8 Max
2
− 0.6 ± 0.1
5.2
± 0.2
5.0
± 0.2
6.8
± 0.2
6.2
± 0.2
5.2
± 0.2
5.0
± 0.2
0.6
± 0.1
12
2.54


Similar Part No. - LN350GPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN350GPX PANASONIC-LN350GPX Datasheet
31Kb / 1P
   Square Type
More results

Similar Description - LN350GPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
   Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
   Square Type
LN252RPX PANASONIC-LN252RPX Datasheet
32Kb / 1P
   Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
   Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
   Square Type
LN260RPX PANASONIC-LN260RPX Datasheet
31Kb / 1P
   Square Type
LN265RPH PANASONIC-LN265RPH Datasheet
32Kb / 1P
   Square Type
LN273RPH PANASONIC-LN273RPH Datasheet
30Kb / 1P
   Square Type
LN249RPH PANASONIC-LN249RPH Datasheet
32Kb / 1P
   Square Type
LN252RPH PANASONIC-LN252RPH Datasheet
31Kb / 1P
   Square Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com