Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4626A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4626A
Description  High Performance Multi-channel Audio CODEC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4626A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4626A Datasheet HTML 1Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 2Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 3Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 4Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 5Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 6Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 7Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 8Page - Asahi Kasei Microsystems AK4626A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ASAHI KASEI
[AK4626A]
MS0397-E-00
2005/06
- 1 -
GENERAL DESCRIPTION
The AK4626A is a single chip CODEC that includes two channels of ADC and six channels of DAC. The
ADC outputs 24bit data and the DAC accepts up to 24bit input data. The ADC has the Enhanced Dual Bit
architecture with wide dynamic range. The DAC introduces the newly developed Advanced Multi-Bit
architecture, and achieves wider dynamic range and lower outband noise. An auxiliary digital audio input
interface maybe used instead of the ADC for passing audio data to the primary audio output port. Control
may be set directly by pins or programmed through a separate serial interface.
The AK4626A has a dynamic range of 102dB for ADC, 106dB for DAC and is well suited for digital
surround for home theater and car audio. An AC-3 system can be built with a IEC60958(SPDIF) receiver
such as the AK4112B. The AK4626A is available in a small 44pin LQFP package which will reduce
system space.
*AC-3 is a trademark of Dolby Laboratories.
FEATURES
2ch 24bit ADC
- 64x Oversampling
- Sampling Rate up to 96kHz
- Linear Phase Digital Anti-Alias Filter
- Single-Ended Input
- S/(N+D): 92dB
- Dynamic Range, S/N: 102dB
- Digital HPF for offset cancellation
- I/F format: MSB justified, I
2S or TDM
- Overflow flag
6ch 24bit DAC
- 128x Oversampling
- Sampling Rate up to 192kHz
- 24bit 8 times Digital Filter
- Single-Ended Outputs
- On-chip Switched-Capacitor Filter
- S/(N+D): 90dB
- Dynamic Range, S/N: 106dB
- I/F format: MSB justified, LSB justified(20bit,24bit), I
2S or TDM
- Individual channel digital volume with 128 levels and 0.5dB step
- Soft mute
- De-emphasis for 32kHz, 44.1kHz and 48kHz
- Zero Detect Function
High Jitter Tolerance
TTL Level Digital I/F
3-wire Serial and I
2C Bus µP I/F for mode setting
Master clock:256fs, 384fs or 512fs for fs=32kHz to 48kHz
128fs, 192fs or 256fs for fs=64kHz to 96kHz
128fs for fs=120kHz to 192kHz
Power Supply: 4.5 to 5.5V
Power Supply for output buffer: 2.7 to 5.5V
Small 44pin LQFP
AK4626 Pin Compatible
High Performance Multi-channel Audio CODEC
AK4626A


Similar Part No. - AK4626A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
More results

Similar Description - AK4626A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4629 AKM-AK4629 Datasheet
852Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com