Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4120 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4120
Description  Sample Rate Converter with Mixer and Volume
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4120 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4120 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ASAHI KASEI
[AK4120]
MS0134-E-00
2002/1
- 6 -
DIGITAL FILTER
(Ta=-40
∼ 85°C; VDD=2.7∼3.6V; FSO=FSI=fs)
Parameter
Symbol
min
typ
max
Units
Digital Filter
Passband
(Note 8)
-0.001dB
PB
0
0.4583fs
kHz
Stopband
(Note 8)
SB
0.5417fs
kHz
Passband Ripple
PR
± 0.01
dB
Stopband Attenuation
SA
97
dB
Group Delay
(Note 9)
GD
-
56.5
-
1/fs
Note 8. The passband and stopband frequencies scale with fs (system sampling rate).
Note 9. This value is the time from the rising edge of LRCK after data is input to rising edge of LRCK after data is
output, when LRCK for Output data corresponds with LRCK for Input.(at 20bit MSB justified, 16bit and 20bit
LSB justified)
DC CHARACTERISTICS
(Ta=-40
∼85°C; VDD=2.7~3.6V)
Parameter
Symbol
min
typ
Max
Units
Power Supply Current
Normal operation: (PDN = “H”, Path Mode 0)
FSI=FSO=48kHz at Slave Mode
(I2MODE= OMODE = “L”): VDD=3.3V
FSI=48kHz,FSO=96kHz at Master Mode
(I2MODE=OMODE= “H”) : VDD=3.3V
: VDD=3.6V
Power down: PDN = “L”
(Note 10)
8.5
10.2
11.5
10
-
-
20
100
mA
mA
mA
µA
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
0.7xVDD
-
-
-
-
0.3xVDD
V
V
High-Level Output Voltage
(Iout=-400
µA)
Low-Level Output Voltage
(Except SDA pin: Iout=400
µA);
(
SDA pin: Iout=
3mA)
VOH
VOL
VOL
VDD-0.4
-
-
-
-
-
-
0.4
0.4
V
V
V
Input Leakage Current
Iin
-
-
± 10
µA
Note 10. All digital inputs including clock pins are held VSS.


Similar Part No. - AK4120

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
AK4121AVF AKM-AK4121AVF Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AK4121AVF AKM-AK4121AVF Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results

Similar Description - AK4120

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4120 AKM-AKD4120_06 Datasheet
1Mb / 47P
   Sample Rate Converter with Mixer and Volume
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com