Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4120 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4120
Description  Sample Rate Converter with Mixer and Volume
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4120 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4120 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4120 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ASAHI KASEI
[AK4120]
MS0134-E-00
2002/1
- 5 -
-115
-113
-111
-109
-107
-105
-103
-101
32
37
42
47
FSI [kHz]
Figure 1: Input Sample Rate (FSI) vs. THD+N (FSO=48kHz)
-120
-115
-110
-105
-100
-95
-90
-85
-80
10
100
1000
10000
100000
Input Frequency [Hz]
Figure 2: Input Frequency vs. THD+N (FSI=44.1kHz, FSO=48kHz)


Similar Part No. - AK4120

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
AK4121AVF AKM-AK4121AVF Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AK4121AVF AKM-AK4121AVF Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results

Similar Description - AK4120

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4120 AKM-AKD4120_06 Datasheet
1Mb / 47P
   Sample Rate Converter with Mixer and Volume
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
   ASYNCHRONOUS SAMPLE RATE CONVERTER
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com