Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK4120 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part No. AK4120
Description  Sample Rate Converter with Mixer and Volume
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AK4120 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ASAHI KASEI
[AK4120]
MS0134-E-00
2002/1
- 2 -
n Ordering Guide
AK4120VF
-40
∼ +85°C
24pin VSOP (0.65mm pitch)
AKD4120
Evaluation Board for AK4120
n Pin Layout
6
5
4
3
2
1
IMCLK1
SDTI1
ILRCK1
IBICK1
TEST
I2S
I2C
7
CAD0
8
IMCLK2
SDTI2
IBICK2
ILRCK2
I2MODE
VDD
VSS
OMODE
Top
View
10
9
CSN/CAD1
CCLK/SCL
CDTI/SDA
11
PDN
12
OMCLK
SDTO
OBICK
OLRCK
19
20
21
22
23
24
18
17
15
16
14
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn