Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C5260 Datasheet(PDF) 2 Page - Vectron International, Inc

Part No. C5260
Description  VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5260 Datasheet(HTML) 2 Page - Vectron International, Inc

  C5260 Datasheet HTML 1Page - Vectron International, Inc C5260 Datasheet HTML 2Page - Vectron International, Inc C5260 Datasheet HTML 3Page - Vectron International, Inc C5260 Datasheet HTML 4Page - Vectron International, Inc C5260 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
C5260
VCXO
Vectron International · www.vectron.com
v.2006-03-07 · page 2 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
±75.0
±100.0
±90.0
±140.0
+200.0
±200.0
ppm
ppm
Frequency > 53MHz
Frequency <53MHz
Linearity
10
%
Tuning Slope
Positive
Control Voltage Range
0.0
0.5
1.65
2.5
3.3
4.5
VDC
VDC
with Vs=3.3VDC
with Vs=5.0VDC
Frequency control input impedance
10
k
Ω
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise
-75
dBc/Hz
10 Hz
@155 MHz
-110
dBc/Hz
100 Hz
PECL
-135
dBc/Hz
1 kHz
3,3V
-142
dBc/Hz
10 kHz
-142
dBc/Hz
100 kHz
Jitter
1
ps RMS
@ 10 kHz to 20 MHz
Weight
2
g
Processing & Packing
handling&processing note
Enclosures
Type G241
< 53 MHz
Type G251
> 53 MHz
Package Codes:
Code
Height “H”
Code
Height “H”
A1
2,3 mm
B1
2,3 mm
Dimensions: mm
Dimensions: mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn