Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C5260 Datasheet(PDF) 5 Page - Vectron International, Inc

Part No. C5260
Description  VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5260 Datasheet(HTML) 5 Page - Vectron International, Inc

  C5260 Datasheet HTML 1Page - Vectron International, Inc C5260 Datasheet HTML 2Page - Vectron International, Inc C5260 Datasheet HTML 3Page - Vectron International, Inc C5260 Datasheet HTML 4Page - Vectron International, Inc C5260 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C5260
VCXO
Vectron International · www.vectron.com
v.2006-03-07 · page 5 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Average ramp-up rate (TL to Tp)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat -Temperature Min Tsmin)
-Temperature Min Tsmax)
-Time (min to max) (ts)
150°c
200°c
60-180 seconds
Time maintainted above
- Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintainted above - Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Time within 5°C of actual
Peak Temperature (tp)
20-40 seconds
Peak Temperature (Tp)
max 260°C
Ramp-down Rate
6°C/second max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
SMD oscillators must be on the top side of the PCB during the reflow process.
How to Order this Product:
Step 1
Use this worksheet to forward the following information to your factory representative:
Model
Stability Code
Supply Voltage Code
RF Output Code
Package Code
C5260
Example:
C5260
D105
SV050
RFH
A1
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration:
Model
Package Code
Dash
Dash Number
C5260
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C5260A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage,
load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
C5310 VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal 1  2  3  4  5  Vectron International, Inc
C4550 OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  Vectron International, Inc
C4505 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package 1  2  3  4  5  Vectron International, Inc
C4530 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  5  More Vectron International, Inc
C1310 Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification 1  2  3  4  5  Vectron International, Inc
C5250 VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc
C5300 VCXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc
C3430 Surface Mount Package Reflow Process Compatible Low Phase Noise Build in PLL-Circuit 1  2  3  4  5  More Vectron International, Inc
C1250 PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc
C1300 PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn