Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C5260 Datasheet(PDF) 4 Page - Vectron International, Inc

Part No. C5260
Description  VCXO Surface Mount FR4 based Package Reflow Process Compatible AT-Cut Crystal Low Phasenoise
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C5260 Datasheet(HTML) 4 Page - Vectron International, Inc

  C5260 Datasheet HTML 1Page - Vectron International, Inc C5260 Datasheet HTML 2Page - Vectron International, Inc C5260 Datasheet HTML 3Page - Vectron International, Inc C5260 Datasheet HTML 4Page - Vectron International, Inc C5260 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C5260
VCXO
Vectron International · www.vectron.com
v.2006-03-07 · page 4 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical tuning slope
Typical frequency stability vs temperature
-1 50 ,00
-1 00 ,00
-50 ,00
0 ,00
50 ,00
1 00 ,00
1 50 ,00
2 00 ,00
0,00
0,50
1,00
1,50
2,00
2,50
3 ,00
3 ,50
Tuning voltag e [V]
-20
-15
-10
-5
0
5
10
15
20
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temp. [°C]
Standard Shipping Method
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Enclosure Type
Tape width
W [mm]
Quantity
per meter
Quantity
per reel
Dimension
P
Production tolerance complying DIN IEC 286-3
G241 / G251
12
125
tbd
8


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
C5310 VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal 1  2  3  4  5  Vectron International, Inc
C4550 OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  Vectron International, Inc
C4505 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package 1  2  3  4  5  Vectron International, Inc
C4530 OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package 1  2  3  4  5  More Vectron International, Inc
C1310 Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification 1  2  3  4  5  Vectron International, Inc
C5250 VCXO 5X7 Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc
C5300 VCXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible Optional ACMOS TTL and LVPECL 1  2  3  4  Vectron International, Inc
C3430 Surface Mount Package Reflow Process Compatible Low Phase Noise Build in PLL-Circuit 1  2  3  4  5  More Vectron International, Inc
C1250 PXO 5X7 Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc
C1300 PXO 9X14 J Leaded Surface Mount Package Reflow Process Compatible ACMOS TTL LVPECL and LVDS 1  2  3  4  Vectron International, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn