Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALD4303 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part No. ALD4303
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALD [Advanced Linear Devices]
Homepage  http://www.aldinc.com
Logo 

ALD4303 Datasheet(HTML) 4 Page - Advanced Linear Devices

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
TYPICAL PERFORMANCE CHARACTERISTICS
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOL= 12mA
0.0
0.2
0.4
0.5
0.6
0.1
0.3
0
-2
-4
-6
2
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
6
4
INPUT OFFSET VOLTAGE vs. SUPPLY
VOLTAGE REPRESENTATIVE SAMPLES
TA = 25°C
SAMPLES
RESPONSE TIME FOR
REPRESENTATIVE SAMPLES
5
10
0
50
100
150
200
VS = ±2.5V
TA = 25°C
tdLH
SAMPLES
RESPONSE TIME FOR
REPRESENTATIVE SAMPLES
5
10
0
50
100
150
200
VS = ±2.5V
TA = 25°C
tdHL
10
1
100
6.0
8.0
10.0
12.0
4.0
2.0
SUPPLY VOLTAGE (V)
TA = 25°C
RL =
-
+
V +
TOTAL SUPPLY CURRENT vs.
TOTAL SUPPLY VOLTAGE
NORMALIZED INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
+3
+2
+1
0
-1
-2
-3
-55
-25
0
25
50
125
100
75
VCM = 0V
VS = ±2.5V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn