Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALD4303 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part No. ALD4303
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALD [Advanced Linear Devices]
Homepage  http://www.aldinc.com
Logo 

ALD4303 Datasheet(HTML) 3 Page - Advanced Linear Devices

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
TYPICAL PERFORMANCE CHARACTERISTICS
SATURATION VOLTAGE
vs. TEMPERATURE
TEM PERATURE (
°C)
-55
-25
0
25
50
125
100
75
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ± 2.5V
ISINK = 50mA
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+6.0
-6.0
0.0
+2.5
0.0
-2.5
TA = 25°C
VS = ±6V
RL = 50K
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (
°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
VS = ± 2.5V
TIM E (
µs)
012
4
36
57
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
100
0
0.0
-2.5
TTL
TA = 25°C
VS = ±2.5V
0V
VIN
V+
V-
VOUT
+
-
10mV
50K
SATURATION VOLTAGE vs.
SINK CURRENT
OUTPUT SINK CURRENT (mA)
0
1530
4560
75
1.5
1.2
0.9
0.6
0.3
0.0
VS = ±2.5V
-55
°C
25
°C
-25
°C
85
°C
125
°C
TIM E (
µs)
0.0
0.1
0.2
0.4
0.3
0.6
0.5
0.7
RESPONSE TIME FOR VARIOUS
INPUT OVERDRIVES
+2.5
0
100
0.0
-2.5
TTL
5mV
10mV
20mV
50mV
TA = 25°C
VS = ±2.5V
0V
VIN
V+
V-
VOUT
+
-
50K


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn