Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4700 Datasheet(PDF) 2 Page - Vectron International, Inc

Part No. C4700
Description  OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4700 Datasheet(HTML) 2 Page - Vectron International, Inc

  C4700 Datasheet HTML 1Page - Vectron International, Inc C4700 Datasheet HTML 2Page - Vectron International, Inc C4700 Datasheet HTML 3Page - Vectron International, Inc C4700 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C4700
OCXO
Vectron International · www.vectron.com
v.2005-08-31 · page 2 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Reference Voltage Output (Vref)
Parameter
Min
Typ
Max.
Units
Condition
Reference Voltage
5.0
VDC
See Note 5
Enclosures
Type A
Package Codes:
Code
Height H
Pin Length L
A1
25.40
6.35
A2
5
19.00
6.35
A3
38.07
6.35
Dimensions: mm
Pin Connections
1
Electronic Frequency Control Input (EFC)
2
Reference Voltage Output (Option)
3
RF Output
4
Ground (Case)
5
Supply Voltage Input (Vs)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn