Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C4700 Datasheet(PDF) 1 Page - Vectron International, Inc

Part No. C4700
Description  OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4700 Datasheet(HTML) 1 Page - Vectron International, Inc

  C4700 Datasheet HTML 1Page - Vectron International, Inc C4700 Datasheet HTML 2Page - Vectron International, Inc C4700 Datasheet HTML 3Page - Vectron International, Inc C4700 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C4700
OCXO
Vectron International · www.vectron.com
v.2005-08-31 · page 1 of 4
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Typical Applications
Features
CDMA2000 and UMTS Base Stations
Ultra-High Stability
Test and Measurement Equipment
Excellent Temperature Stability
SC-Cut Crystal Crystal
Previous Vectron Model Numbers
4895, OC-050, CO-330
Frequency range
4 MHz
15 MHz
Standard frequencies
5; 10; 15MHz
Frequency stabilities
1 [SC Cut Crystal Standard]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-0.4
+0.4
ppb
0
+70°C
C049
(peak to peak stability)
-0.2
+0.2
ppb
0
+70°C
C029
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging
/1 day
vs. aging
/1 day
vs aging
/1 Year
vs. aging
/ year (following years)
-50
-0.2
-0.1
-0.5
-0.2
-20
-10
+50
+0.2
+0.1
+0.5
+0.2
+20
+10
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 72 hours of operation
after 7 days of operation
after 72 hours of operation
Warm-up Time
5
minutes
to
10ppb of final frequency (1 hour reading) @
+25°C
Supply voltage (Vs)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Supply voltage [Standard]
11.4
12.0
12.6
VDC
SV120
Power consumption
4.5
Watts
during warm-up
1.0
Watts
steady state @ +25°C
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Signal [Standard]
HCMOS
RFH
Load
15
pF
Signal Level (Vol)
0.5
VDC
15pF load
Signal Level (Voh)
4.5
VDC
15pF load
Duty cycle
45
55
%
@ (Voh-Vol)/2
Signal [Option]
Sinewave
RFS
Load
50
Output Power
+3.0
+5.5
+8.0
dBm
50 Ohm load
Harmonics
-30
dBc
50 Ohm load
Sub-Harmonics
-40
dBc
50 Ohm load
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
0.50
0.75
1.0
ppm
Linearity
20
%
Tuning Slope
Positive
Control Voltage Range
0.0
2.5
5.0
VDC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn