Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CX100-272WE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CX100-272WE
Description  27 MHz 3.3V VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CX100-272WE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CX100-272WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CX100-272WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CX100-272WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CX100-272WE Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8813
02/27/06
PI6CX100-272
27 MHz 3.3V VCXO
Storage Temperature .........................................–55°C to 125°C
Ambient Temperature ........................................–40°C to 85°C
Supply Voltage VDD ..............................................–0.5V to 7V
Inputs/Outputs Voltage.............................. –0.5V to VDD +0.5V
Output Current ..................................................................10mA
Soldering Lead Temperature (10s)................................... 260°C
Junction Temperature .......................................–50°C to 150°C
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines,
not tested.)
DC Electrical Characteristics
(Unless otherwise specified, VDD = 3.3V, fO = 27 MHz, VIN = 1.65V, Load = 15pF, TA = 25oC)
AC Electrical Characteristics
(Unless otherwise specified, fO = 27 MHz, Load = 15pF, TA = 25oC)
Symbol
Desciption
Test Condidtion
Min.
Typ.
Max.
Units
TR/Tf
Rise / Fall Time
0.1VDD - 0.9VDD
1.5
6
ns
Td
Duty Cycle
0.5VDD
45
55
%
∆f
Pull Range
VIN = 0 - VDD
400
ppm
Tj
Cycle-to-Cycle Jitter
CL = 15pf
50
ps
Lin
Linearity
VIN = 0.1VDD - 0.9 VDD
±10
%
TSTART
Oscillator Start Time
VDD = 0.9VDD Trigger
1.5
10
ms
Symbol
Desciption
Test Condidtion
Min.
Typ.
Max.
Units
VDD
Operating Voltage
3.135
3.3
3.465
V
VOH
Output High Volage
IOH =-12mA
2.8
VOL
Output Low Voltage
IOL = -12mA
0.5
IOH
Output High Current
VOH = VDD-0.5V
-12
mA
IOL
Output Low Current
VOL =0.5V
12
IDD
Supply Current
CL = 15pF
5
RS
Negative Resistance
VIN = 0V
-150
fO
Input Frequency
20
27
30
MHz
CL
Output load Capacitance
15
30
pF


Similar Part No. - PI6CX100-272WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
PI6CX100-27W PERICOM-PI6CX100-27W Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
PI6CX100-27WE PERICOM-PI6CX100-27WE Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
More results

Similar Description - PI6CX100-272WE

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
   27 MHz 3.3V VCXO with Output Enable
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
   VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
   27 MHz VCXO Clock Generator IC
logo
Integrated Circuit Syst...
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com