Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CX100-00 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CX100-00
Description  19.44 to 40 MHz, 3.3V, VCXO for General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CX100-00 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CX100-00 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CX100-00 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CX100-00 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CX100-00 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8761
02/04/05
PI6CX100-00
19.44 to 40 MHz 3.3V VCXO for
General Purpose Applications
Packaging Mechanical: Plastic 8-pin SOIC (W)
Ordering Information
Ordering Code
Package Code
Package Type
Operating Range
PI6CX100-00WE
W
Pb-free & Green 8-pin, 150-mil SOIC
Industrial
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. Use Suffix "X" for tape and reel
3. Number of Transistors = TBD
Pericom Semiconductor Corporation • www.pericom.com/saronix
.0040
.0098
SEATING PLANE
.013
.020
.050
BSC
.016
.0075
.0098
1
8
.0099
.0196
0-8˚
.050
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.189
.196
4.80
5.00
1.27
.016
.026
1.35
1.75
.2284
.2440
5.80
6.20
0.406
0.660
0.330
0.508
0.10
0.25
0.40
1.27
0.19
0.25
0.25
0.50
x 45˚
.053
.068
REF


Similar Part No. - PI6CX100-00

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
PI6CX100-272W PERICOM-PI6CX100-272W Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
PI6CX100-272WE PERICOM-PI6CX100-272WE Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
PI6CX100-27W PERICOM-PI6CX100-27W Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
More results

Similar Description - PI6CX100-00

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
   27 MHz 3.3V VCXO for Set-Top Box Applications
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-753F GOLLEDGE-GVXO-753F Datasheet
598Kb / 5P
   3.3V 6-pad VCXO for Volume Applications
logo
List of Unclassifed Man...
T73327 ETC-T73327 Datasheet
437Kb / 5P
   15-36 MHz, 3.3V VCXO
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Golledge Electronics Lt...
GVXO-53F GOLLEDGE-GVXO-53F_15 Datasheet
112Kb / 1P
   3.3V VCXO
GVXO-43 GOLLEDGE-GVXO-43_16 Datasheet
131Kb / 1P
   3.3V VCXO
logo
Vaishali Semiconductor
VT73127 VAISH-VT73127 Datasheet
39Kb / 4P
   27 MHz 3.3V VCXO with Output Enable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com