Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCMC1616V9X Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # WCMC1616V9X
Description  1Mb x 16 Pseudo Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMC1616V9X Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  WCMC1616V9X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMC1616V9X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADVANCE INFORMATION
WCMC1616V9X
Document #: 38-14027 Rev. **
Page 2 of 13
Pin Configuration[2, 3, 4]
Note:
2.
DNU pins are to be left floating or tied to Vss.
3.
Ball H6 is the address expansion pin for the 32Mb density.
4.
NC “no connect” - not connected internally to the die.
WE
A11
A10
A6
A
0
A
3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O
13
I/O12
I/O14
I/O15
VSS
A9
A
8
OE
V
SS
A
7
I/O0
BHE
CE
2
A
17
A
2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O
4
I/O5
I/O6
I/O
7
A15
A14
A13
A
12
A19
A
18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A
16
DNU
V
CC
FBGA
Top View


Similar Part No. - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW11I WEIDA-WCMC2016V1X-2XW11I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW14I WEIDA-WCMC2016V1X-2XW14I Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XWI WEIDA-WCMC2016V1X-2XWI Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
More results

Similar Description - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
   8Mb (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
   16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com