Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LN221RPX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. LN221RPX
Description  2.6 mm Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN221RPX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN221RPX Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
164
Unit: mm
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
70
90
90
25
30
30
150
150
150
4
4
4
−25 ∼ +85 −30 ∼ +100
Round–Top View Type
φ 2.6 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN221RPX ················ LNG221RKR ············ Red
LN321GPX ··············· LNG321GKG ··········· Green
LN421YPX ··············· LNG421YKX ··········· Amber
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN221RPX
LN321GPX
LN421YPX
Unit
Red
Green
Amber
Red Diffused
Green Diffused
Amber Diffused
1.0
0.5
15
2.2
2.8
700
100
20
5
4
1.2
0.5
20
2.2
2.8
565
30
20
10
4
2.0
1.0
20
2.2
2.8
590
30
20
10
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
IO Ta
500
300
30
50
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
LN321GPX
LN321GPX
LN321GPX
LN421YPX
LN421YPX
LN421YPX
LN
221R
PX
LN221RPX
LN
221R
PX
LN321GPX
LN321GPX
LN321GPX
LN421YPX
LN421YPX
LN421YPX
LN221RPX
LN221RPX
LN221RPX
LN321GPX
LN421YPX
LN321GPX
LN421YPX
LN221RPX
LN221RPX
LN221RPX
LN221RPX
LN221RPX
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity
5.5
± 0.2
5.3
± 0.2
φ 2.6± 0.2
2
− 0.7Max
2
− 0.45± 0.1
2.54
12
3.5
± 0.2
3.3
± 0.2
0.45
± 0.1


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn