Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTA1163-GHR Datasheet(PDF) 2 Page - Marktech Corporate

Part # MTA1163-GHR
Description  Marktech RT Angle Dual Stack PCB MT 3mm LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTA1163-GHR Datasheet(HTML) 2 Page - Marktech Corporate

  MTA1163-GHR Datasheet HTML 1Page - Marktech Corporate MTA1163-GHR Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marktech RT Angle Dual Stack PCB MT 3mm LEDs
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
MTA1163−GHR
567
GaP
36
o
5.40
40.00
− 20mA
2.10
3.00 20mA
100
5V
635
GaAsP
36
o
6.20
35.00
− 20mA
2.10
3.00 20mA
100
5V
MTA1163−HRG
635
GaAsP
36
o
6.20
35.00
− 20mA
2.10
3.00 20mA
100
5V
567
GaP
36
o
5.40
40.00
− 20mA
2.10
3.00 20mA
100
5V
MTA1163−YG
585
GaAsP
36
o
4.40
25.00
− 20mA
2.10
3.00 20mA
100
5V
567
GaP
36
o
5.40
40.00
− 20mA
2.10
3.00 20mA
100
5V
MTA2063−G
567
GaP
36
o
5.40
40.00
− 20mA
2.10
3.00 20mA
100
5V
MTA2063−HR
635
GaAsP
36
o
6.20
35.00
− 20mA
2.10
3.00 20mA
100
5V
MTA2063−Y
585
GaAsP
36
o
4.40
25.00
− 20mA
2.10
3.00 20mA
100
5V
nm
deg
mcd
V
µ A
NOTES:
All Dimensions are in millimeters.
Tolerance is ±0.25mm unless otherwise stated.
An Epoxy Meniscus may extend about 1mm down the leads.
Burr around bottom of epoxy may be around 0.5mm MAX.
Specifications are subject to change without notice.
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - MTA1163-GHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA1163-GHR MARKTECH-MTA1163-GHR Datasheet
65Kb / 1P
   Packaged LEDS/PCB Mount Indicators
More results

Similar Description - MTA1163-GHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
   Marktech RT Angle Quad PCB MT 5mm LEDs
MTA1164-YG MARKTECH-MTA1164-YG Datasheet
37Kb / 1P
   Marktech RT Angle Dual PCB MT 5mm LED
MT2064-YGCT MARKTECH-MT2064-YGCT Datasheet
37Kb / 1P
   Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MTA1164H-YG MARKTECH-MTA1164H-YG Datasheet
55Kb / 2P
   Marktech RT Angle Multi Color PCB MT 5mm LEDs
MT1164-RGCT MARKTECH-MT1164-RGCT Datasheet
34Kb / 1P
   Marktech RT Angle Std. Single PCB MT 5mm
logo
CUI INC
SJD-3510-45 CUI-SJD-3510-45 Datasheet
151Kb / 1P
   DUAL STACK 3.5mm STEREO JACK PCB MT.
logo
Marktech Corporate
MT4093-G MARKTECH-MT4093-G Datasheet
32Kb / 2P
   Marktech Low Current 3mm LEDs
logo
CUI INC
SJD-3510-33 CUI-SJD-3510-33 Datasheet
31Kb / 1P
   DUAL STACK 3.5mm STEREO JACK PCB MT.
logo
Marktech Corporate
MT7103-UR MARKTECH-MT7103-UR Datasheet
35Kb / 1P
   Marktech 3mm Ultra Bright Red LEDs
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
   Marktech 3mm Ultra Bright Y G LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com