Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6264AM Datasheet(PDF) 5 Page - Weida Semiconductor, Inc.

Part # CG6264AM
Description  2Mb (128K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6264AM Datasheet(HTML) 5 Page - Weida Semiconductor, Inc.

  CG6264AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6264AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADVANCE INFORMATION
CG6264AM
38-XXXXX
Page - 5 - of 12
AC Test Loads and Waveforms
Parameters
3.0V VCC
Unit
R1
1179
R2
1941
RTH
733
VTH
1.87
V
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalentto:
THÉVENINEQUIVALENT
ALL INPUT PULSES
RTH
R1


Similar Part No. - CG6264AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
More results

Similar Description - CG6264AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
logo
Cypress Semiconductor
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128DA ESMT-M24L216128DA Datasheet
350Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com