Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6263AM Datasheet(PDF) 6 Page - Weida Semiconductor, Inc.

Part # CG6263AM
Description  2Mb (128K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6263AM Datasheet(HTML) 6 Page - Weida Semiconductor, Inc.

Back Button CG6263AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 9Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 10Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PRELIMINARY
CG6263AM
38-XXXXX
Page - 6 - of 12
Switching Characteristics Over the Operating Range[11]
Parameter
Description
70 ns
Unit
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
70
ns
tAA
Address to Data Valid
70
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE LOW to Data Valid
70
ns
tDOE
OE LOW to Data Valid
35
ns
tLZOE
OE LOW to LOW Z[12, 14]
5
ns
tHZOE
OE HIGH to High Z[12, 14]
25
ns
tLZCE
CE LOW to Low Z[12, 14]
5
ns
tHZCE
CE HIGH to High Z[12, 14]
25
ns
tDBE
BLE / BHE LOW to Data Valid
70
ns
tLZBE
BLE / BHE LOW to Low Z[12, 14]
5
ns
tHZBE
BLE / BHE HIGH to HIGH Z[12, 14]
25
ns
tSK
Address Skew
0
ns
WRITE CYCLE[13]
tWC
Write Cycle Time
70
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Set-Up to Write End
60
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
45
ns
tBW
BLE / BHE LOW to Write End
60
ns
tSD
Data Set-Up to Write End
45
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High-Z[12, 14]
25
ns
tLZWE
WE HIGH to Low-Z[12, 14]
5
ns
Notes:
11.
Test conditions for all parameters other than tri-state parameters assume signal transition time of 1ns/V, timing reference levels of VCC(typ)/2, input pulse levels
of 0V to VCC(typ.), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section..
12. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedence state.
13. The internal Write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and
any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that
terminates the write
14. High-Z and Low-Z parameters are characterized and are not 100% tested. .


Similar Part No. - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
More results

Similar Description - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
logo
Cypress Semiconductor
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128DA ESMT-M24L216128DA Datasheet
350Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com