Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6263AM Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # CG6263AM
Description  2Mb (128K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6263AM Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  CG6263AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6263AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PRELIMINARY
CG6263AM
38-XXXXX
Page - 2 - of 12
Pin Configuration[2, 3, 4]
FBGA
Note:
2.
DNU pins have to be left floating.
3.
Ball D3, H1, G2 and ball H6 for the FBGA package can be used to upgrade to a 4M, 8M, 16M and a 32M density respectively.
4.
NC “no connect” - not connected internally to the die.
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC/
NC/
NC/
3
2
6
5
4
1
D
E
B
A
C
F
G
H
Top View
A16
GND
Vcc
A20
A19
A18


Similar Part No. - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
More results

Similar Description - CG6263AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6264AM WEIDA-CG6264AM Datasheet
226Kb / 12P
   2Mb (128K x 16) Pseudo Static RAM
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
   128K x 16 Pseudo Static RAM DIE
logo
Cypress Semiconductor
CYK128K16SCCB CYPRESS-CYK128K16SCCB Datasheet
182Kb / 10P
   2-Mbit (128K x 16) Pseudo Static RAM
CYK128K16MCCB CYPRESS-CYK128K16MCCB Datasheet
178Kb / 9P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L216128SA ESMT-M24L216128SA Datasheet
345Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
M24L216128DA ESMT-M24L216128DA Datasheet
350Kb / 14P
   2-Mbit (128K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com