Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CG6258AM Datasheet(PDF) 3 Page - Weida Semiconductor, Inc.

Part No. CG6258AM
Description  4Mb (256K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6258AM Datasheet(HTML) 3 Page - Weida Semiconductor, Inc.

  CG6258AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADVANCE INFORMATION
CG6258AM
38-XXXXX
Page - 3 - of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................–65°C to + 150°C
Ambient Temperature with
Power Applied..............................................–55°C to + 85°C
Supply Voltage to Ground Potential................. –0.4V to 4.6V
DC Voltage Applied to Outputs
in High Z State[5, 6, 7] ........................................–0.2V to 3.3V
DC Input Voltage[5, 6, 7].....................................–0.2V to 3.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .....................................................>200 mA
Operating Range[9]
Device
Range
Ambient Temperature
VCC
CG6258AM
Industrial
–25°C to +85°C
2.70V to 3.30V
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC(mA)
Standby ISB2(µA)
f = 1MHz
f = fmax
Min.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
Typ.[8]
Max.
CG6258AM
2.70
3.0
3.30
70
2
4
13
17
55
80
Notes:
5.
VIH(MAX) = VCC + 0.5V for pulse durations less than 20ns.
6.
VIL(MIN) = -0.5V for pulse durations less than 20ns.
7.
Overshoot and undershoot specifications are characterized and are not 100% tested.
8.
Typical values are included for reference only and are not guranteed or tested. Typical values are measured at VCC = VCC (typ) and TA = 25C
9.
VCC must be at minimal operational levels before inputs are turned ON.


Similar Part No. - CG6258AM

ManufacturerPart No.DatasheetDescription
Littelfuse
Littelfuse
CG6250 LITTELFUSE-CG6250 Datasheet
706Kb / 4P
   The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
Weida Semiconductor, Inc.
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results

Similar Description - CG6258AM

ManufacturerPart No.DatasheetDescription
Weida Semiconductor, Inc.
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
Sharp Electrionic Components
Sharp Electrionic Compo...
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
   CMOS 4M (256K x 16) Pseudo-Static RAM
Cypress Semiconductor
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
Elite Semiconductor Memory Technology Inc.
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
Cypress Semiconductor
Cypress Semiconductor
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz