Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6257AM Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # CG6257AM
Description  4Mb (256K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6257AM Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  CG6257AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PRELIMINARY
CG6257AM
38-XXXXX
Page - 2 - of 12
Pin Configuration[2, 3, 4]
FBGA
Note:
2.
DNU pins have to be left floating.
3.
Ball H1, G2 and ball H6 for the FBGA package can be used to upgrade to a 8M, 16M and a 32M density respectively.
4.
NC “no connect” - not connected internally to the die.
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC/
NC/
NC/
3
2
6
5
4
1
D
E
B
A
C
F
G
H
Top View
A16
GND
Vcc
A20
A19
A18


Similar Part No. - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG6250 LITTELFUSE-CG6250 Datasheet
706Kb / 4P
   The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results

Similar Description - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
   CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com