Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG6257AM Datasheet(PDF) 10 Page - Weida Semiconductor, Inc.

Part # CG6257AM
Description  4Mb (256K x 16) Pseudo Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6257AM Datasheet(HTML) 10 Page - Weida Semiconductor, Inc.

Back Button CG6257AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 9Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 10Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 11Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 12Page - Weida Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PRELIMINARY
CG6257AM
38-XXXXX
Page - 10 - of 12
Truth Table[20]
CE
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
X
X
X
H
H
High Z
Deselect/Power-Down
Standby (ISB)
L
H
L
L
L
Data Out (I/O0 – I/O15)
Read
Active (ICC)
L
H
L
H
L
Data Out (I/O0 – I/O7);
High Z (I/O8 – I/O15)
Read
Active (ICC)
L
H
L
L
H
High Z (I/O0 – I/O7);
Data Out (I/O8 – I/O15)
Read
Active (ICC)
L
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
L
X
L
L
Data In (I/O0 – I/O15)
Write
Active (ICC)
L
L
X
H
L
Data In (I/O0 – I/O7);
High Z (I/O8 – I/O15)
Write
Active (ICC)
L
L
X
L
H
High Z (I/O0 – I/O7);
Data In (I/O8 – I/O15)
Write
Active (ICC)
Note:
20. H = VIH, L = VIL, X = Don’t Care
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
70
CG6257AM
BA48K
48-ball Fine Pitch BGA (6 mm × 8mm × 1.2 mm)
Industrial


Similar Part No. - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG6250 LITTELFUSE-CG6250 Datasheet
706Kb / 4P
   The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
More results

Similar Description - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
   4Mb (256K x 16) Pseudo Static RAM
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
   CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
   4-Mbit (256K x 16) Pseudo Static RAM
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
   4-Mbit (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com