Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHDDVIC4K3 Datasheet(PDF) 1 Page - IOGEAR

Part # GHDDVIC4K3
Description  HDMI (M) to DVI-D (M) Adapter Cable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDDVIC4K3 Datasheet(HTML) 1 Page - IOGEAR

  GHDDVIC4K3 Datasheet HTML 1Page - IOGEAR GHDDVIC4K3 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHDDVIC4K3
HDMI (M) to DVI-D (M)
Adapter Cable
Supports 4K @ 30Hz
6 Foot length
Gold plated pins
Aluminum housing
OFC conductor
HDMI to DVI-D Adapter Cable
Enhance your gaming or home-theater system with the IOGEAR HDMI to DVI-D Adapter Cable. This premium gold-plated digital
video cable is perfect for connecting a computer or DVI-equipped device to a 4K HDMI TV or display or the other way around. Watch
videos from your laptop on your big screen or connect an HDMI-equipped source such as a Blu-ray player or gaming console to a
DVI TV or display.
Quality Video Transmission
The HDMI to DVI Adapter Cable makes it easy to enjoy serious gaming, home-theater entertainment, and more. By connecting HDMI
to DVI with the IOGEAR Adapter Cable, you will see an impressively enhanced video experience on your compatible device.
Gold-Plated Connectors for Superior Conductivity
The Adapter Cable features a durable outer cover, internal shielding and corrosion-resistant gold-plated connectors to deliver a far
superior video signal over other connector types. Check your component product manual to ensure compatibility and its required
connections types.
Note: Converter Cable's DVI connector is not fitted for audio capabilities and would require a separate audio cable or fiber-optic
(Toslink) cable from your source to the display.
Supports 4K @ 30Hz
HDMI-to-DVI-D reversible adapter cable
6 Foot length
Gold plated pins
Aluminum housing
OFC conductor
Oxygen Free Conductor
No signal degradation
Corrosion resistance
Better heat absorption


Similar Part No. - GHDDVIC4K3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GHD258102MA6N AVX-GHD258102MA6N Datasheet
128Kb / 2P
   Multi-Cap Arrays
GHD258102PA6N AVX-GHD258102PA6N Datasheet
128Kb / 2P
   Multi-Cap Arrays
GHD258102ZA6N AVX-GHD258102ZA6N Datasheet
128Kb / 2P
   Multi-Cap Arrays
GHD259102MA6N AVX-GHD259102MA6N Datasheet
128Kb / 2P
   Multi-Cap Arrays
GHD259102PA6N AVX-GHD259102PA6N Datasheet
128Kb / 2P
   Multi-Cap Arrays
More results

Similar Description - GHDDVIC4K3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P130-000 TRIPPLITE-P130-000 Datasheet
165Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P130000 TRIPPLITE-P130000 Datasheet
504Kb / 2P
   HDMI to DVI Cable Adapter (HDMI to DVI-D F/M)
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
   DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P566012 TRIPPLITE-P566012 Datasheet
499Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 12-ft
P566006 TRIPPLITE-P566006 Datasheet
500Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 6-ft
P566010 TRIPPLITE-P566010 Datasheet
499Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 10-ft
P566030 TRIPPLITE-P566030 Datasheet
499Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 30-ft
P566003 TRIPPLITE-P566003 Datasheet
499Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M-M), 3-ft
P566050 TRIPPLITE-P566050 Datasheet
498Kb / 2P
   HDMI to DVI Cable, Digital Monitor Adapter Cable (HDMI to DVI-D M/M), 50-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com