Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2530 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C2530
Description  Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2530 Datasheet(HTML) 2 Page - Vectron International, Inc

  C2530 Datasheet HTML 1Page - Vectron International, Inc C2530 Datasheet HTML 2Page - Vectron International, Inc C2530 Datasheet HTML 3Page - Vectron International, Inc C2530 Datasheet HTML 4Page - Vectron International, Inc C2530 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
C2530
TCXO
Vectron International · www.vectron.com
v.2005-12-15 · page 2 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Signal [Standard]
HCMOS
RFH
Load
13.5
16.5
pF
Signal Level (Vol)
0.3
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
3.0
VDC
with Vs=3.3V and 15pF load
Rise and Fall time
5
ns
Duty cycle
40
50
60
%
@ (Voh-Vol)/2
Subharmonics
-45
dBc
Signal [Standard]
PECL
RFP
Load
50
to Vs-2V
Rise and Fall time
1
ns
20 to 80%
Duty cycle
45
50
55
%
Subharmonics
-45
dBc
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Tuning Range
 8.0
14.0
 20.0
ppm
Standard Version
Tuning Range
 5.0
12.0
 20.0
ppm
Stratum 3 Version
Linearity
10
%
Tuning Slope
Positive
Control Voltage Range
0.3
1.65
3.0
VDC
with Vs=3.3VDC
Freq. control input impedance
10
k
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise
3
-70
dBc/Hz
10 Hz
Standard TCXO @
-100
dBc/Hz
100 Hz
79.483 MHz
-120
dBc/Hz
1 kHz
-128
dBc/Hz
10 kHz
-135
dBc/Hz
100 kHz
Phase Noise
3
-60
dBc/Hz
10 Hz
Stratum3 TCXO @
-96
dBc/Hz
100 Hz
155.52MHz
-115
dBc/Hz
1 kHz
-122
dBc/Hz
10 kHz
-129
dBc/Hz
100 kHz
Weight
9
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
6.0
V
Control Voltage
0
Vs
V
Maximum output load @ CMOS
40
pF
Operable temperature range
-40
+85
°C
Storage temperature range
-55
+125
°C


Similar Part No. - C2530

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2530 VECTRON-C2530 Datasheet
115Kb / 5P
   PCS Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
   PCS Base Stations
More results

Similar Description - C2530

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2420 VECTRON-C2420 Datasheet
209Kb / 6P
   Wide Frequency range Mechanical control EFC Standard Standard Surface Mount Package
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
C2410 VECTRON-C2410 Datasheet
206Kb / 5P
   TCXO EFC Standard Non hermetic Wide Frequency Range
C2310 VECTRON-C2310 Datasheet
274Kb / 5P
   TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
   Standard Surface Mount Package
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
logo
Analog Devices
ADM485ARZ AD-ADM485ARZ Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
logo
List of Unclassifed Man...
VF594 ETC1-VF594 Datasheet
76Kb / 1P
   Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
Connor-Winfield Corpora...
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
   SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com