Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2750AUA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2750AUA+
Description  2.4GHz Monolithic Voltage-Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750AUA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2750AUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2750AUA+ Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX2750AUA is a self-contained voltage-controlled
oscillator (VCO) intended for use over the 2370MHz
to 2470MHz frequency range. The IC combines a fully
integrated oscillator and output buffer in a miniature 8-pin
μMAX® package.
The inductor and varactor elements of the tank are inte-
grated on-chip, greatly simplifying application of the part.
The only required external components are a couple of
supply bypass capacitors. The IC provides direct con-
nection to the VCO tuning voltage input and the VCO
buffer output. The tuning voltage input range is +0.4V to
+2.4V, and the oscillator frequency tuning range is factory
adjusted to provide guaranteed limits. The output signal is
buffered by an amplifier stage (internally matched to 50Ω)
to provide higher output power and isolate the device from
load impedance variations.
The MAX2750AUA operates over a +2.7V to +5.5V sup-
ply voltage range. Internal regulation of the oscillator
supply voltage eliminates the need for an external LDO
regulator for the VCO. The IC also provides a digitally
controlled shutdown mode to permit implementation of
sophisticated power-supply management. In shutdown,
the supply current is reduced to less than 2μA.
Applications
● 2.4GHz ISM Band
Features
● Guaranteed Frequency Tuning Range:
2370MHz to 2470MHz
● On-Chip Tank Circuit
● Internally Matched Output Buffer Amplifier
● Low-Current Shutdown Mode
● +2.7V to +5.5V Supply Voltage Range
● Miniature 8-Pin μMAX Package
● -40°C to +125°C Temperature Range
Pin Configuration appears at end of data sheet.
19-0831; Rev 1; 4/15
μMAX is a registered trademark of Maxim Integrated Products, Inc.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-
PACKAGE
MAX2750AUA+
-40°C to +125°C
8 µMAX
OSCILLATOR
CORE
BIAS
TUNE
TUNE
BYP
SHDN
GND
OUT
VCC1
VCC
VCC2
GND
SHDN
OUT TO MIXER/
SYNTHESIZER
MAX2750AUA
MAX2750AUA
2.4GHz Monolithic
Voltage-Controlled Oscillator
Typical Operating Circuit
Ordering Information


Similar Part No. - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
More results

Similar Description - MAX2750AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com