Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2750AUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX2750AUA
Description  2.4GHz Monolithic Voltage-Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750AUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2750AUA_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Figure 1. Typical Application Circuit
PIN
NAME
FUNCTION
1
BYP
VCO Bypass. Bypass with a 0.1µF capacitor to GND.
2
TUNE
Oscillator Frequency Tuning Voltage Input. High-impedance input with a voltage input range of +0.4V
(low frequency) to +2.4V (high frequency).
3
GND
Ground Connection for Oscillator and Biasing. Requires a low-inductance connection to the circuit board
ground plane.
4
SHDN
Shutdown Logic Input. A high-impedance input logic-level low disables the device and reduces supply
current to less than 1.0µA. A logic-level high enables the device.
5
VCC1
Bias and Oscillator DC Supply Voltage Connection. Bypass separately from pin 6 with a 220pF capacitor
to GND for low noise and low spurious content performance from the oscillator.
6
VCC2
Output Buffer DC Supply Voltage Connection. Bypass separately from pin 5 with a 220pF capacitor to
GND for best high frequency performance.
7
OUT
Buffered Oscillator Output. Incorporates an internal DC-blocking capacitor. OUT is internally matched
to 50Ω.
8
GND
Ground Connection for Output Buffer. Requires a low-inductance connection to the circuit board ground
plane.
OSCILLATOR
CORE
BIAS
TUNE
LOOP FILTER
BYP
0.1µF
SHDN
GND
OUT
VCC1
VCC
VCC2
GND
SHDN
220pF
220pF
MAX2750AUA
OUT TO MIXER/
SYNTHESIZER
FROM
SYNTHESIZER
MAX2750AUA
2.4GHz Monolithic
Voltage-Controlled Oscillator
www.maximintegrated.com
Maxim Integrated │ 4
Pin Description


Similar Part No. - MAX2750AUA_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
More results

Similar Description - MAX2750AUA_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
HV17T-2 SPECTRUM-HV17T-2 Datasheet
368Kb / 1P
   VOLTAGE CONTROLLED OSCILLATOR
HV113T-1 SPECTRUM-HV113T-1 Datasheet
642Kb / 1P
   Voltage Controlled Oscillator
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz