Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2750AUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX2750AUA
Description  2.4GHz Monolithic Voltage-Controlled Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750AUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2750AUA_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX2750AUA_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(Circuit of Figure 1, VCC = +3.0V, VTUNE = +0.4V to +2.4V, VSHDN ≤ 2V, TA = +25°C, unless otherwise noted.)
ƒO
O
FREQUENCY
∆ = 48dBc
∆ = 30dBc
NORMALIZED HARMONIC
OUTPUT SPECTRUM
O
∆ MKR
-30.00dB
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
4 6 8
2
10 12 14
18
16
20
OSCILLATOR TURN-ON TIME
TIME (µs)
8µs
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
4 6 8
2
10 12 14
18
16
20
OSCILLATOR TURN-ON TIME
TIME (µs)
4µs
0.1
1
10
PHASE NOISE
OFFSET FREQUENCY (MHz)
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
Maxim Integrated │ 3
www.maximintegrated.com
MAX2750AUA
2.4GHz Monolithic
Voltage-Controlled Oscillator
Typical Operating Characteristics


Similar Part No. - MAX2750AUA_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
More results

Similar Description - MAX2750AUA_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
149Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 0; 10/00
Z-Communications, Inc
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
SYNERGY MICROWAVE CORPORATION
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
HV17T-2 SPECTRUM-HV17T-2 Datasheet
368Kb / 1P
   VOLTAGE CONTROLLED OSCILLATOR
HV113T-1 SPECTRUM-HV113T-1 Datasheet
642Kb / 1P
   Voltage Controlled Oscillator
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz