Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2420 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # C2420
Description  Wide Frequency range Mechanical control EFC Standard Standard Surface Mount Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2420 Datasheet(HTML) 6 Page - Vectron International, Inc

  C2420 Datasheet HTML 1Page - Vectron International, Inc C2420 Datasheet HTML 2Page - Vectron International, Inc C2420 Datasheet HTML 3Page - Vectron International, Inc C2420 Datasheet HTML 4Page - Vectron International, Inc C2420 Datasheet HTML 5Page - Vectron International, Inc C2420 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C2420
Vectron International · www.vectron.com
v.2005-12-15 · page 6 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Average ramp-up rate (TL to Tp)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat -Temperature Min Tsmin)
-Temperature Min Tsmax)
-Time (min to max) (ts)
150°c
200°c
60-180 seconds
Time maintainted above
- Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Tsmax to TL - Ramp-up Rate
3°C/second max.
Time maintainted above - Temperature (TL)
- Time (tL)
217°C
60-150 seconds
Time within 5°C of actual
Peak Temperature (tp)
20-40 seconds
Peak Temperature (Tp)
max 260°C
Ramp-down Rate
6°C/second max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
How to Order this Product:
Step 1
Use this worksheet to forward the following information to your factory representative:
Model
Stability Code
Supply Voltage Code
RF Output Code
Package Code
Frequency
C2420
Example:
C2420
D206
SV033
RFC
A1
12.8MHz
Step 2
The factory representative will then respond with a Vectron Model Number in the following Configuration:
Model
Package Code
Dash
Dash Number
C2420
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C2420A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Similar Part No. - C2420

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2420 VECTRON-C2420 Datasheet
108Kb / 6P
   PCS Base Stations
logo
General Cable Technolog...
C2420A GENERAL-C2420A Datasheet
59Kb / 1P
   COMMUNICATION & CONTROL CABLE
logo
Vectron International, ...
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
   PCS Base Stations
More results

Similar Description - C2420

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2530 VECTRON-C2530 Datasheet
248Kb / 5P
   Wide Frequency range EFC Standard Standard Surface Mount Package Meets Stratum 3
C2400 VECTRON-C2400 Datasheet
211Kb / 6P
   TCXO EFC Standard Hermetic Wide Frequency Range
C2410 VECTRON-C2410 Datasheet
206Kb / 5P
   TCXO EFC Standard Non hermetic Wide Frequency Range
C2310 VECTRON-C2310 Datasheet
274Kb / 5P
   TCXO EFC Standard Standard Surface Mount Package Low Phase Noise option Low Profile
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
   Standard Surface Mount Package
C4600 VECTRON-C4600_06 Datasheet
63Kb / 4P
   Electronic Frequency Control Input (EFC)
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
logo
List of Unclassifed Man...
VF594 ETC1-VF594 Datasheet
76Kb / 1P
   Wide Frequency Range, Very Low Phase Jitter, Wide Pullability, Standard Footprint, Wide Operating Temperature, EMI Shielded
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
MMD Components
MAP2 MMD-MAP2 Datasheet
114Kb / 2P
   Wide Frequency Range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com