Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 43172015
Description  Coupler connector - SM-7EP1N8A9004
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1607064
12/10/13   Page 2 / 3
Coupler connector - SM-7EP1N8A9004 - 1607064
Technical data
Material
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-Zn)
Insulator material
PA 66
Gasket and O-ring material
FPM
Specifications according to DIN EN 61984:2001
Installation height max.
3000 m
Nominal / operating voltage of power contacts
630 V
Rated surge voltage of power contacts
6 kV
Surge voltage category of power contacts
III
Pollution degree of power contacts
3
Nominal / operating voltage of signal contacts
250 V
Rated surge voltage of signal contacts
4 kV
Surge voltage category of signal contacts
III
Pollution degree of signal contacts
3
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260708
eCl@ss 7.0
27440312
eCl@ss 8.0
27440312
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC001121
ETIM 5.0
EC002641
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404
UNSPSC 13.2
43201404


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
48Kb / 2P
   Crimp contact - SL-16KS010
43172015 PHOENIX-43172015 Datasheet
64Kb / 4P
   Cable connector - CA-06P1N128006
43172015 PHOENIX-43172015 Datasheet
57Kb / 2P
   Cable connector - RC-63S1N12T0R9
43172015 PHOENIX-43172015 Datasheet
188Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2449
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1607067 PHOENIX-1607067 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L03
12/10/13
1607068 PHOENIX-1607068 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L05
12/10/13
1605826 PHOENIX-1605826 Datasheet
64Kb / 3P
   Coupler connector - SM-7EP1N8A9003
11/22/13
1605829 PHOENIX-1605829 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L04
11/22/13
1607066 PHOENIX-1607066 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
1613431 PHOENIX-1613431 Datasheet
69Kb / 5P
   Coupler connector - SM-7EP1N8A9L32S
01.11.2013
1613426 PHOENIX-1613426 Datasheet
144Kb / 10P
   Coupler connector - SM-5EP1N8A9L33S
09/11/2020
1605859 PHOENIX-1605859 Datasheet
39Kb / 1P
   Cable connector - SM-7ES1N8A8L03
11/22/13
1605863 PHOENIX-1605863 Datasheet
39Kb / 1P
   Cable connector - SM-7ES1N8A8L05
11/22/13
1613430 PHOENIX-1613430 Datasheet
152Kb / 10P
   Cable connector - SM-5ES1N8A8L34S
09/11/2020
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz