Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43172015
Description  Coupler connector - SM-7EP1N8A9004
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1607064
12/10/13   Page 1 / 3
Coupler connector - SM-7EP1N8A9004 - 1607064
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Coupler connector, straight short, Screw locking, M40, Number of positions: 4+3+PE, Type of contact: Male
connector, Crimp connection, Shielded: Yes, Cable cross section: 17 mm...21 mm
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
240.52 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
General
Note
Order information Order crimp contacts 4 x Ø 2 mm, 4 x Ø 3.6 mm
separately
Type of locking
Screw locking
Coding
N
Contact connection method
Crimp connection
Type of contacts
Male connector
Number of positions
8
Contact diameter of power contacts
3.6 mm
Nominal current per power contact at 25°C
70 A
Contact diameter of signal contacts
2 mm
Nominal current per signal contact at 25°C
30 A
Conductor entry
17 mm ... 21 mm
Ambient conditions
Ambient temperature
-20 °C ... 125 °C
Degree of protection
IP67


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6EP2000
43172015 PHOENIX-43172015 Datasheet
64Kb / 4P
   Cable connector - CA-06P1N128006
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1607067 PHOENIX-1607067 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L03
12/10/13
1607068 PHOENIX-1607068 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L05
12/10/13
1605826 PHOENIX-1605826 Datasheet
64Kb / 3P
   Coupler connector - SM-7EP1N8A9003
11/22/13
1605829 PHOENIX-1605829 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L04
11/22/13
1607066 PHOENIX-1607066 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
1613431 PHOENIX-1613431 Datasheet
69Kb / 5P
   Coupler connector - SM-7EP1N8A9L32S
01.11.2013
1613426 PHOENIX-1613426 Datasheet
144Kb / 10P
   Coupler connector - SM-5EP1N8A9L33S
09/11/2020
1605859 PHOENIX-1605859 Datasheet
39Kb / 1P
   Cable connector - SM-7ES1N8A8L03
11/22/13
1605863 PHOENIX-1605863 Datasheet
39Kb / 1P
   Cable connector - SM-7ES1N8A8L05
11/22/13
1613430 PHOENIX-1613430 Datasheet
152Kb / 10P
   Cable connector - SM-5ES1N8A8L34S
09/11/2020
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz