Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5026CP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MBI5026CP
Description  16-bit Constant Current LED Sink Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5026CP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MBI5026CP Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5026CP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MBI5026
16-bit Constant Current LED Sink Driver
April 2003, V0.8-4
- 5 -
Maximum Ratings
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4~VDD + 0.4
V
Output Current
IOUT
+90
mA
Output Voltage
VDS
-0.5~+20.0
V
Clock Frequency
FCLK
25
MHz
GND Terminal Current
IGND
1440
mA
CNS – type
1.52
CF – type
1.30
Power Dissipation
(On PCB, Ta=25°C)
CP – type
PD
1.11
W
CNS – type
82
CF – type
96
Thermal Resistance
(On PCB, Ta=25°C)
CP – type
Rth(j-a)
112
°C/W
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+150
°C


Similar Part No. - MBI5026CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026CP ETC-MBI5026CP Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
MBI5026CPA ETC-MBI5026CPA Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5026CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com