Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2332LTMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2332LTMX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LTMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2332LTMX Datasheet HTML 10Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 11Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 16Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 17Page - National Semiconductor (TI) LMX2332LTMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Functional Description (Continued)
01280608
7-BIT SWALLOW COUNTER DIVIDE RATIO (A COUNTER)
RF
Divide
N
7
N
6
N
5
N
4
N
3
N
2
N
1
Ratio
A
0
000000
0
1
000000
1
••••••
127
111111
1
Notes: Divide ratio: 0 to 127
B
≥ A
IF
Divide
N
7
N
6
N
5
N
4
N
3
N
2
N
1
Ratio
A
0
XXX
0
0
0
0
1
XXX
0
0
0
1
••••••
15
XXX
1
1
1
1
X = DON’T CARE condition
11-BIT PROGRAMMABLE COUNTER DIVIDE RATIO (B COUNTER)
Divide
N
18
N
17
N
16
N
15
N
14
N
13
N
12
N
11
N
10
N
9
N
8
Ratio
B
3
0000000001
1
4
0000000010
0
••••••••••
2047
1111111111
1
Note: Divide ratio: 3 to 2047 (Divide ratios less than 3 are prohibited)
B
≥ A
PULSE SWALLOW FUNCTION
f
VCO = [(P xB)+ A]xfOSC/R
f
VCO: Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 11-bit programmable counter (3 to 2047)
A:
Preset divide ratio of binary 7-bit swallow counter
(0
≤ A ≤ 127 {RF}, 0 ≤ A ≤ 15 {IF}, A ≤ B)
f
OSC: Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 15-bit programmable reference counter (3 to 32767)
P:
Preset modulus of dual moduIus prescaler (for IF; P = 8 or 16;
for RF; LMX2330L: P = 32 or 64
LMX2331L/32L: P = 64 or 128)
www.national.com
14


Similar Part No. - LMX2332LTMX

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2332LTM NSC-LMX2332LTM Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2332LTMX

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz