![]() |
Electronic Components Datasheet Search |
|
LMX2332LTMX Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
LMX2332LTMX Datasheet(HTML) 5 Page - National Semiconductor (TI) |
5 / 23 page ![]() Absolute Maximum Ratings (Notes 1, 2) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Power Supply Voltage V CC −0.3V to +6.5V V P −0.3V to +6.5V Voltage on Any Pin with GND = 0V (V I) −0.3V to V CC+0.3V Storage Temperature Range (T S) −65˚C to +150˚C Lead Temperature (solder 4 sec.) (T L) +260˚C Recommended Operating Conditions Power Supply Voltage V CC 2.7V to 5.5V V P V CC to +5.5V Operating Temperature (T A) −40˚C to +85˚C Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate condi- tions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test condi- tions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Note 2: This device is a high performance RF integrated circuit with an ESD rating <2 keV and is ESD sensitive. Handling and assembly of this device should only be done at ESD protected work stations. Electrical Characteristics V CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C, except as specified Symbol Parameter Conditions Value Units Min Typ Max I CC Power LMX2330L RF + IF V CC = 2.7V to 5.5V 5.0 6.6 Supply LMX2330L RF Only 4.0 5.2 Current LMX2331L RF + IF 4.0 5.4 LMX2331L RF Only 3.0 4.0 mA LMX2332L IF + RF 3.0 4.1 LMX2332L RF Only 2.0 2.7 LMX233xL IF Only 1.0 1.4 I CC-PWDN Powerdown Current (Note 3) 1 10 µA f IN RF Operating LMX2330L 0.5 2.5 Frequency LMX2331L 0.2 2.0 GHz LMX2332L 0.1 1.2 f IN IF Operating LMX233xL 45 510 MHz Frequency f OSC Oscillator Frequency 5 40 MHz fφ Maximum Phase Detector 10 MHz Frequency Pf IN RF RF Input Sensitivity V CC = 3.0V −15 0 dBm V CC = 5.0V −10 0 dBm Pf IN IF IF Input Sensitivity V CC = 2.7V to 5.5V −10 0 dBm V OSC Oscillator Sensitivity OSC in 0.5 V PP V IH High-Level Input Voltage (Note 4) 0.8 V CC V V IL Low-Level Input Voltage (Note 4) 0.2 V CC V I IH High-Level Input Current V IH =VCC = 5.5V (Note 4) −1.0 1.0 µA I IL Low-Level Input Current V IL = 0V, VCC = 5.5V (Note 4) −1.0 1.0 µA I IH Oscillator Input Current V IH =VCC = 5.5V 100 µA I IL Oscillator Input Current V IL = 0V, VCC = 5.5V −100 µA V OH High-Level Output Voltage (for F oLD, pin number 10) I OH = −500 µA V CC − 0.4 V V OL Low-Level Output Voltage (for F oLD, pin number 10) I OL = 500 µA 0.4 V t CS Data to Clock Set Up Time See Data Input Timing 50 ns t CH Data to Clock Hold Time See Data Input Timing 10 ns www.national.com 5 |