Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 2 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Technical data
General
Signal type/category
PROFIBUS PA, 31.25 kbps
Status display
No
Overvoltage category
II
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Stainless steel
Sealing material
NBR
Pin assignment
Contact | Color (signal designation) | Contact (optional)
1 (Socket) | OG (DATA+)
3 (Socket) | BU (DATA-)
4 (Socket) | SR (shield)
Standards and Regulations
Flammability rating according to UL 94
HB
Cable
Cable type
Fieldbus FOUNDATION/PROFIBUS PA, blue
Cable type (abbreviation)
961
Cable structure
2xAWG18/7 + 1xAWG20/7
Conductor cross section
2x 0.75 mm² (Signal line)
1x 0.5 mm² (Drain wire)
AWG signal line
18
Conductor structure signal line
7x 0.40 mm
Core diameter including insulation
2.24 mm ±0.05 mm
Thickness, insulation
0.5 mm
Wire colors
Blue, orange
Twisted pairs
2 cores to the pair
Overall twist
One pair with one drain wire and fillers for core
Shielding
Plastic-coated aluminum foil with a drain wire
Optical shield covering
100 %
External sheath, color
blue RAL 5015
Outer sheath thickness
1 mm
External cable diameter D
7.5 mm ±0.25 mm
Smallest bending radius, fixed installation
75 mm


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
185Kb / 13P
   Bus system cable - SAC-5P-MS/ 0,3-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419115 PHOENIX-1419115 Datasheet
538Kb / 12P
   SAC-3P-M12MR/10,0-961/M12FS VA - Bus system cable
1419086 PHOENIX-1419086 Datasheet
538Kb / 16P
   SAC-3P-20,0-961/M12FS VA - Bus system cable
1419085 PHOENIX-1419085 Datasheet
563Kb / 17P
   SAC-3P-15,0-961/M12FS VA - Bus system cable
1419083 PHOENIX-1419083 Datasheet
563Kb / 17P
   SAC-3P- 5,0-961/M12FS VA - Bus system cable
1419089 PHOENIX-1419089 Datasheet
567Kb / 17P
   SAC-3P-10,0-961/M12FR VA - Bus system cable
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
   SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419094 PHOENIX-1419094 Datasheet
625Kb / 17P
   SAC-3P-M12MS/10,0-961 VA - Bus system cable
1419104 PHOENIX-1419104 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 1,0-961/M12FS VA - Bus system cable
1419123 PHOENIX-1419123 Datasheet
552Kb / 12P
   SAC-3P-M12MS/10,0-961/M12FR VA - Bus system cable
1419106 PHOENIX-1419106 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 5,0-961/M12FS VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com